Electronic Components Datasheet Search
  English  ▼

X  

LC7461 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC7461
Description  Infrared Remote Control Transmitter IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7461 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC7461 Datasheet HTML 1Page - Sanyo Semicon Device LC7461 Datasheet HTML 2Page - Sanyo Semicon Device LC7461 Datasheet HTML 3Page - Sanyo Semicon Device LC7461 Datasheet HTML 4Page - Sanyo Semicon Device LC7461 Datasheet HTML 5Page - Sanyo Semicon Device LC7461 Datasheet HTML 6Page - Sanyo Semicon Device LC7461 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
(a) Custom code
The custom code, which consists of 13 bits (C0 to C12) in all, is used to distinguish between receiving sets.
C6 to C12 are fixed by the mask ROM and C0 to C5 are pin-settable.
The custom codes are controlled by Sanyo to avoid duplication.
(b) Key data
When multi-press of key No.20 and one of key No.21, 22, 23 is done, multi-bit D5 will be set to ‘‘1’’, with no priority given
in key entry.
Pin-selectable
Mask ROM
6 bits
7 bits
In this example C0 to C5 are
set as follows:
C0
C1
C2
C3
C4
C5
011001
Multi-press
KEY No.
D0
D1
D2
D3
D4
D5
D6
D7
20, 21
10101100
20, 22
01101100
20, 23
11101100
.
D6,D7 may be preset to ‘‘0’’,‘‘1’’ beforehand (mask
option).
KEY No.
D0
D1
D2
D3
D4
D5
D6
D7
0
0
0000000
1
1
0000000
2
0
1000000
3
1
1000000
4
0
0100000
5
.
.
.
28
1
.
.
.
0
0
.
.
.
0
1
.
.
.
1
0
.
.
.
1
0
.
.
.
1
0
.
.
.
0
0
.
.
.
0
0
.
.
.
0
29
10111000
30
01111000
31
11111000
(H: Key-ON state)
Key 20
data
transmit
Keys 20, 21
multi-press
data transmit
Key 21
data
transmit
Transmit
stop
Key 22
data
transmit
Keys 20, 22
multi-press data
transmit
LC7461M
No.2119-5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com