Electronic Components Datasheet Search
  English  ▼

X  

LC7461 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC7461
Description  Infrared Remote Control Transmitter IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7461 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC7461 Datasheet HTML 1Page - Sanyo Semicon Device LC7461 Datasheet HTML 2Page - Sanyo Semicon Device LC7461 Datasheet HTML 3Page - Sanyo Semicon Device LC7461 Datasheet HTML 4Page - Sanyo Semicon Device LC7461 Datasheet HTML 5Page - Sanyo Semicon Device LC7461 Datasheet HTML 6Page - Sanyo Semicon Device LC7461 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
General Description of Function
1.
Oscillator
Since a self-bias type amplifier of CMOS inverter is contained, an oscillator can be formed by connecting a ceramic
resonator.
To minimize power dissipation, the oscillator stops oscillating except when key operation is performed.
2.
Key entry
Key entry pins KI0toKI3 and timing signal output pins KO0toKO7 provide a key matrix of 4 × 8 = 32.
Multi-press of key No. 20 and one of key No. 21, 22, 23 may be done, with no priority given in key entry. When the two
keys are kept pressed, a series of pulses will be output according to each key entry. If multi-press of keys which are not
allowed multi-press is done, no output will be delivered.
3.
Data organization
Data consists of 42 bits in all: 13 bits of custom code, 8 bits of key data, and their inverted codes.
Custom code
Custom code
Key data
Key data
13 bits
13 bits
8 bits
8 bits
LC7461M
No.2119-4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com