Electronic Components Datasheet Search
  English  ▼

X  

LC74751 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC74751
Description  On-Screen Display LSI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74751 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC74751 Datasheet HTML 5Page - Sanyo Semicon Device LC74751 Datasheet HTML 6Page - Sanyo Semicon Device LC74751 Datasheet HTML 7Page - Sanyo Semicon Device LC74751 Datasheet HTML 8Page - Sanyo Semicon Device LC74751 Datasheet HTML 9Page - Sanyo Semicon Device LC74751 Datasheet HTML 10Page - Sanyo Semicon Device LC74751 Datasheet HTML 11Page - Sanyo Semicon Device LC74751 Datasheet HTML 12Page - Sanyo Semicon Device LC74751 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
No. 5396-9/15
LC74751
Address 190 (0BE hexadecimal)
DA
Register
Contents
Notes
0 to C
State
Function
0
PHASE0
0
1
1
PHASE1
0
1
2
PHASE2
0
1
3
SIGMD0
0
1
4
SIGMD1
0
1
5
SYSRST
0
The IC is reset by a low level on the CS pin, and the
1
Resets all registers and turns display off.
reset state is cleared by a high level on that pin.
6
MUTE
0
Normal output
1
CVIN is cut and CVOUT is fixed at the pedestal level.
7
DSPON
0
Character display off
1
Character display on
8
OSCSTP
0
Crystal oscillator and LC oscillator circuits are not stopped.
Only valid in external synchronization mode
1
Stops the crystal oscillator and LC oscillator circuits.
when character display is off.
9
2fsc/
0
Clock frequency: 2fsc
Crystal oscillator circuit frequency
4fsc/
1
Clock frequency: 4fsc
A
LC/
0
The LC oscillator is used for the dot clock.
The OSCIN pin must be tied to VDD if the LC
XTAL
1
The crystal oscillator is used for the dot clock.
oscillator circuit is not used.
B
INT/
0
Interlaced (262.5 H per field: NTSC, 312.5 H per field: PAL)
Switches interlaced and noninterlaced display.
NON
1
Noninterlaced (263 H per field: NTSC, 313 H per field: PAL)
SIGMD1
SIGMD0
Signal format
0
0
NTSC
0
1
PAL
1
0
PAL-M
1
1
PAL-N
PHASE2 PHASE1 PHASE0
Background color (phase)
NTSC
PAL (PAL-M, N)
0
0
0
π/2
±
π/2
0
0
1
π
In phase
0
1
0
3
π/2
π/2
0
1
1
In phase
±
π
1
0
0
π/4
±3
π/4
1
0
1
3
π/4
±
π/4
1
1
0
5
π/4
π/4
1
1
1
7
π/4
±3
π/4
Note: The states of all registers are set to zero when the IC is reset by the RST pin.
Background color
The phase of the background color with
respect to the color burst signal.
-+
-+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com