Electronic Components Datasheet Search
  English  ▼

X  

LC74751 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC74751
Description  On-Screen Display LSI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74751 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC74751 Datasheet HTML 6Page - Sanyo Semicon Device LC74751 Datasheet HTML 7Page - Sanyo Semicon Device LC74751 Datasheet HTML 8Page - Sanyo Semicon Device LC74751 Datasheet HTML 9Page - Sanyo Semicon Device LC74751 Datasheet HTML 10Page - Sanyo Semicon Device LC74751 Datasheet HTML 11Page - Sanyo Semicon Device LC74751 Datasheet HTML 12Page - Sanyo Semicon Device LC74751 Datasheet HTML 13Page - Sanyo Semicon Device LC74751 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
No. 5396-10/15
LC74751
Address 191 (0BF hexadecimal)
DA
Register
Contents
Notes
0 to C
State
Function
0
BCOL
0
Background color provided (only valid in internal synchronization mode)
1
No background color (Only the background level is set)
1
CBOFF
0
The burst signal is always output.
1
The burst signal is not output when BCOL is high.
2
EXT/
0
External synchronization
Switches between external and internal
INT
1
Internal synchronization
sources for the HSYNC and VSYNC signals.
3
BLINK0
0
Changes the blinking duty ratio.
1
4
BLINK1
0
1
5
BLINK2
0
Blinking period: 0.5 s
Changes the blinking period.
1
Blinking period: 1.0 s
6
RVSON
0
Reverse video off
1
Reverse video on
7
BLK0
0
Changes the blanking size
1
8
BLK1
0
1
9
—
0
1
A
VSNSEP
0
External V input used (SEPIN: pin 19)
Selects V input when superimpose mode is used.
1
Internal V separation circuit used
B
TSTMOD
0
Normal operating mode
This bit must be set to 0.
1
Test mode
BLK0
0
1
BLK1
0
Blinking off
Character size
1
Frame size
Whole area size
BLINK0
0
1
BLINK1
0
Blinking off
25% duty
1
50% duty
75% duty
Note: The states of all registers are set to zero when the IC is reset by the RST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com