Electronic Components Datasheet Search
  English  ▼

X  

LC74751 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC74751
Description  On-Screen Display LSI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74751 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC74751 Datasheet HTML 3Page - Sanyo Semicon Device LC74751 Datasheet HTML 4Page - Sanyo Semicon Device LC74751 Datasheet HTML 5Page - Sanyo Semicon Device LC74751 Datasheet HTML 6Page - Sanyo Semicon Device LC74751 Datasheet HTML 7Page - Sanyo Semicon Device LC74751 Datasheet HTML 8Page - Sanyo Semicon Device LC74751 Datasheet HTML 9Page - Sanyo Semicon Device LC74751 Datasheet HTML 10Page - Sanyo Semicon Device LC74751 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Address 188 (0BC hexadecimal)
No. 5396-7/15
LC74751
DA
Register
Contents
Notes
0 to C
State
Function
0
HP0
0
If HS is the horizontal start position then:
The 6 bits HP5:0 specify the horizontal display
(LSB)
1
start position.
1
HP1
0
The weight of the low order bit is 4·Tc.
1
Tc: Period of the oscillator connected to OSCIN/OSCOUT in operating mode.
2
HP2
0
1
3
HP3
0
1
4
HP4
0
1
5
HP5
0
(MSB)
1
6
HSZ10
0
The horizontal character size for line 1
1
7
HSZ11
0
1
8
HSZ20
0
The horizontal character size for line 2
1
9
HSZ21
0
1
A
HSZ30
0
The horizontal character size for lines 2
1
through 12
B
HSZ31
0
1
5
HS = Tc
× (4 Σ 2n HP
n)
n = 0
HSZ10
0
1
HSZ11
0
1 Tc/dot
2 Tc/dot
1
3 Tc/dot
4 Tc/dot
HSZ30
0
1
HSZ31
0
1 Tc/dot
2 Tc/dot
1
3 Tc/dot
4 Tc/dot
HSZ20
0
1
HSZ21
0
1 Tc/dot
2 Tc/dot
1
3 Tc/dot
4 Tc/dot
Note: The states of all registers are set to zero when the IC is reset by the RST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com