Electronic Components Datasheet Search
  English  ▼

X  

LC74751 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC74751
Description  On-Screen Display LSI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74751 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC74751 Datasheet HTML 2Page - Sanyo Semicon Device LC74751 Datasheet HTML 3Page - Sanyo Semicon Device LC74751 Datasheet HTML 4Page - Sanyo Semicon Device LC74751 Datasheet HTML 5Page - Sanyo Semicon Device LC74751 Datasheet HTML 6Page - Sanyo Semicon Device LC74751 Datasheet HTML 7Page - Sanyo Semicon Device LC74751 Datasheet HTML 8Page - Sanyo Semicon Device LC74751 Datasheet HTML 9Page - Sanyo Semicon Device LC74751 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Memory Organization (display RAM and control RAM)
Both memory addresses and data are 16-bit quantities.
The locations at addresses 000 (000 hexadecimal) to 175 (0AF hexadecimal) hold display memory (RAM) data.
The locations at addresses 176 (0B0 hexadecimal) to 191 (0BF hexadecimal) hold display control register data.
No. 5396-6/15
LC74751
Bit
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
Notes
Address
F
E
D
C
B
A
9
8
7
6
5
4
3
2
1
0
000
0
0
0
0
0
0
0
0
ATTR
C6
C5
C4
C3
C2
C1
C0
(000h)
ATTR
Character code
Display RAM
175
0
0
0
0
0
0
0
0
ATTR
C6
C5
C4
C3
C2
C1
C0
(0AFh)
176
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B0h)
A
9
8
7
6
5
4
3
2
1
0
First character in the first line
177
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B1h)
A
9
8
7
6
5
4
3
2
1
0
First character in the second line
178
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B2h)
A
9
8
7
6
5
4
3
2
1
0
First character in the third line
179
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B3h)
A
9
8
7
6
5
4
3
2
1
0
First character in the fourth line
180
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B4h)
A
9
8
7
6
5
4
3
2
1
0
First character in the fifth line
181
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B5h)
A
9
8
7
6
5
4
3
2
1
0
First character in the sixth line
182
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B6h)
A
9
8
7
6
5
4
3
2
1
0
First character in the seventh line
183
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B7h)
A
9
8
7
6
5
4
3
2
1
0
First character in the eighth line
184
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B8h)
A
9
8
7
6
5
4
3
2
1
0
First character in the ninth line
185
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0B9h)
A
9
8
7
6
5
4
3
2
1
0
First character in the tenth line
186
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0BAh)
A
9
8
7
6
5
4
3
2
1
0
First character in the eleventh line
187
0
0
0
0
0
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
ADR
Display line ROM specification
(0BBh)
A
9
8
7
6
5
4
3
2
1
0
First character in the twelfth line
188
0
0
0
0
HSZ
HSZ
HSZ
HSZ
HSZ
HSZ
HP5
HP4
HP3
HP2
HP1
HP0
Horizontal display position
(0BCh)
31
30
21
20
11
10
Horizontal character size
189
0
0
0
0
VSZ
VSZ
VSZ
VSZ
VSZ
VSZ
VP5
VP4
VP3
VP2
VP1
VP0
Vertical display position
(0BDh)
31
30
21
20
11
10
Vertical character size
190
0
0
0
0
INT/
LC/
2fsc/
OSC
DSP
MUTE
SYS
SIG
SIG
PHASE PHASE PHASE
Video signal and other items
(0BEh)
NON
XTAL
4fsc
STP
ON
RST
MD1
MD0
2
1
0
191
0
0
0
0
TST
VSN
0
BLK
BLK
RVS
BLINK BLINK BLINK
EXT/
CBOFF BCOL
Control register
(0BFh)
MOD
SEP
1
0
ON
2
1
0
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com