Electronic Components Datasheet Search
  English  ▼

X  

NH020 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # NH020
Description  Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH020 Datasheet(HTML) 3 Page - Lineage Power Corporation

  NH020 Datasheet HTML 1Page - Lineage Power Corporation NH020 Datasheet HTML 2Page - Lineage Power Corporation NH020 Datasheet HTML 3Page - Lineage Power Corporation NH020 Datasheet HTML 4Page - Lineage Power Corporation NH020 Datasheet HTML 5Page - Lineage Power Corporation NH020 Datasheet HTML 6Page - Lineage Power Corporation NH020 Datasheet HTML 7Page - Lineage Power Corporation NH020 Datasheet HTML 8Page - Lineage Power Corporation NH020 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Lineage Power
3
Data Sheet
October 14, 2009
5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
NH020-Series Power SIPs:
Electrical Specifications (continued)
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 5.0 V; IO = IO, max; TA = 25 °C)
NH020M
NH020M2
NH020Y
NH020Y2
NH020G
NH020F
NH020F2
VO, set
VO, set
VO, set
VO, set
VO, set
VO, set
VO, set
1.46
1.485
1.75
1.782
2.43
3.18
3.27
1.5
1.5
1.8
1.8
2.5
3.3
3.3
1.54
1.515
1.85
1.818
2.57
3.39
3.33
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all operating input voltage, resistive load, and
temperature conditions until end of life.)
NH020M
NH020M2
NH020Y
NH020Y2
NH020G
NH020F
NH020F2
VO
VO
VO
VO
VO
VO
VO
1.43
1.455
1.716
1.745
2.39
3.16
3.24
—
—
—
—
—
—
—
1.57
1.545
1.883
1.855
2.61
3.44
3.36
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = 4.5 V to 5.5 V)
Load (IO = 0 to IO, max)
Temperature (TA = 0 °C to 55 °C)
All
M
Y
F, G
All
—
—
—
—
—
—
—
—
—
—
0.1
0.4
0.3
0.1
—
0.4
0.6
0.5
0.3
17
%VO
%VO
%VO
%VO
mV
Output Ripple and Noise Voltage
(See Figures 7—9 and 15.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
F, G, M
Y
All
—
—
—
—
—
—
—
—
—
25
30
100
mVrms
mVrms
mVp-p
External Load Capacitance (electrolytic)
All
—
0
—
10,000
µF
Output Current
(Forced convection, 1.5 ms–1 (300 lfm))
All
IO
0
—
6
A
Output Current-limit Inception
(VO = 90% of VO, set; see Feature Descriptions
section.)
All
IO
—
350
—
%IO, max
Efficiency
(VI = 5.0 V; IO = IO, max; TA = 25 °C; see Figures 3—6
and 16.)
NH020M
NH020Y
NH020G
NH020F
h
h
h
h
70
73
79
84
72
75
82
86
—
—
—
—
%
%
%
%
Switching Frequency
All
—
—
500
—
kHz
Dynamic Response
(
ΔIO/Δt = 1 A/10 µs, VI = 5.0 V, TA = 25 °C;
see Figures 10 and 11.):
Load Change from IO = 0% to 100% of IO, max:
Peak Deviation
Settling Time (VO < 10% peak deviation)
Load Change from IO = 100% to 0% of IO, max:
Peak Deviation
Settling Time (VO < 10% peak deviation)
All
All
All
All
—
—
—
—
—
—
—
—
80
200
80
200
—
—
—
—
mV
µs
mV
µs
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max TA = 25 °C)
1,400,000
Hours
Weight
—
—
7(0.25)
g (oz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com