Electronic Components Datasheet Search
  English  ▼

X  

NH020 Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # NH020
Description  Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH020 Datasheet(HTML) 5 Page - Lineage Power Corporation

  NH020 Datasheet HTML 1Page - Lineage Power Corporation NH020 Datasheet HTML 2Page - Lineage Power Corporation NH020 Datasheet HTML 3Page - Lineage Power Corporation NH020 Datasheet HTML 4Page - Lineage Power Corporation NH020 Datasheet HTML 5Page - Lineage Power Corporation NH020 Datasheet HTML 6Page - Lineage Power Corporation NH020 Datasheet HTML 7Page - Lineage Power Corporation NH020 Datasheet HTML 8Page - Lineage Power Corporation NH020 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Lineage Power
5
Data Sheet
October 14, 2009
5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
NH020-Series Power SIPs:
Characteristic Curves
The following figures provide typical characteristics curves (TA = 25 °C).
Figure 1. Typical Input Characteristics at 6 A output
current.
Figure 2. Typical Output Characteristics.
Figure 3.
Typical Efficiency for NH020M .
Figure 4.
Typical Efficiency for NH020Y.
Figure 5.
Typical Efficiency for NH020A0G.
Figure 6.
Typical Efficiency for NH020F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com