Electronic Components Datasheet Search
  English  ▼

X  

NH020 Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # NH020
Description  Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH020 Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button NH020 Datasheet HTML 2Page - Lineage Power Corporation NH020 Datasheet HTML 3Page - Lineage Power Corporation NH020 Datasheet HTML 4Page - Lineage Power Corporation NH020 Datasheet HTML 5Page - Lineage Power Corporation NH020 Datasheet HTML 6Page - Lineage Power Corporation NH020 Datasheet HTML 7Page - Lineage Power Corporation NH020 Datasheet HTML 8Page - Lineage Power Corporation NH020 Datasheet HTML 9Page - Lineage Power Corporation NH020 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Lineage Power
6
Data Sheet
October 14, 2009
5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
NH020-Series Power SIPs:
Characteristic Curves
The following figures provide typical characteristics curves at room temperature (TA = 25 °C)
Figure 7. Typical Output Ripple Voltage fo NH020M
(6A Output Current).
Figure 8. Typical Output Ripple Voltage for NH020Y
(6A Output Current).
Figure 9.
Typical Output Ripple Voltage for NH020F,G
(6A Output Current).
Figure 10. Typical Transient response to Step load
change from 0% to 100% of I0,max at 5V
Input .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com