Electronic Components Datasheet Search
  English  ▼

X  

NH020 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # NH020
Description  Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH020 Datasheet(HTML) 1 Page - Lineage Power Corporation

  NH020 Datasheet HTML 1Page - Lineage Power Corporation NH020 Datasheet HTML 2Page - Lineage Power Corporation NH020 Datasheet HTML 3Page - Lineage Power Corporation NH020 Datasheet HTML 4Page - Lineage Power Corporation NH020 Datasheet HTML 5Page - Lineage Power Corporation NH020 Datasheet HTML 6Page - Lineage Power Corporation NH020 Datasheet HTML 7Page - Lineage Power Corporation NH020 Datasheet HTML 8Page - Lineage Power Corporation NH020 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
October 14, 2009
NH020-Series Power SIPs:
5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
Document Name:
PDF Name:DS00-128EPS (Replaces DS00-127EPS)
Applications
n
Distributed Power Architectures
n
Communication Equipment
n
Computer Equipment
Options
n
Tight Tolerance output
n
-40 °C operation
Features
n
Compatible with RoHS EU Directive 200295/EC
n
Compatible in Pb- free or SnPb reflow environment
n
Nonisolated output
n
High efficiency: 86% typical
n
Small size and low profile:
63.5 mm x 5.6 mm x 14 mm
(2.5 in x 0.22 in x 0.55 in)
n
Remote On/Off
n
Output overcurrent protection
n
Output voltage adjustment
n
Overtemperature protection
n
UL* 60950 Recognized, CSA† C22.2 No. 60950-00 Certi-
fied, and VDE‡ 0805 (IEC60950, 3rd edition) Licensed
n
Meets FCC classA radiated limits
RoHS Compliant
Description
The NH020-Series Power SIPs are nonisolated dc-dc converters that operate over an input voltage range of 4.5 Vdc to 5.5
Vdc and provide a precisely regulated dc output. The SIPs have a maximum output current rating of 6 A at a typical full-load
efficiency of 86%. Standard features include remote on/off and output voltage adjustment.
*
UL is a registered trademark of Underwriters Laboratories, Inc.
† CSA is a registered trademark of Canadian Standards Association.


Similar Part No. - NH020

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NH023AW KNIGHTSBRIDGE-NH023AW Datasheet
321Kb / 2P
230V IP20 1W Stainless Steel Recessed LED Wall Light
29/04/2024
NH023B KNIGHTSBRIDGE-NH023B Datasheet
287Kb / 1P
Stainless Steel Recessed LED Wall Light Single Blue
29/04/2024
logo
Vishay Siliconix
NH025 VISHAY-NH025 Datasheet
221Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
11-Jul-07
NH025 VISHAY-NH025 Datasheet
186Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
04-Sep-2019
NH025 VISHAY-NH025 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
More results

Similar Description - NH020

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
NH033 LINEAGEPOWER-NH033 Datasheet
6Mb / 20P
Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
logo
Bel Fuse Inc.
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SSQE48T15033 BEL-SSQE48T15033 Datasheet
1Mb / 13P
36-75 VDC Input; 3.3 VDC @ 15 A, 50 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com