Electronic Components Datasheet Search
  English  ▼

X  

MAX9268 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9268
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9268 Datasheet HTML 3Page - Maxim Integrated Products MAX9268 Datasheet HTML 4Page - Maxim Integrated Products MAX9268 Datasheet HTML 5Page - Maxim Integrated Products MAX9268 Datasheet HTML 6Page - Maxim Integrated Products MAX9268 Datasheet HTML 7Page - Maxim Integrated Products MAX9268 Datasheet HTML 8Page - Maxim Integrated Products MAX9268 Datasheet HTML 9Page - Maxim Integrated Products MAX9268 Datasheet HTML 10Page - Maxim Integrated Products MAX9268 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
_______________________________________________________________________________________ 7
Pin Description
Pin Configuration
4
5
6
7
8
9 10 11 12
1
2
3
33 32 31 30 29 28 27 26 25
EP
36 35 34
AGND
AVDD
GND
IOVDD
CNTL2/MCLK
CNTL1
SD/CNTL0
SCK
WS
PWDN
TX/SCL
RX/SDA
AGND
GND
IOVDD
ADD0
ADD1
LOCK
ERR
MS
SSEN
DRS
AVDD
AGND
37
38
39
40
41
42
43
44
45
46
47
48
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
MAX9268
+
TQFP
PIN
NAME
FUNCTION
1
BWS
Bus-Width Select. Output width selection requires external pulldown or pullup resistor. Set
BWS = low for 3-channel mode. Set BWS = high for 4-channel mode.
2
INT
Interrupt Input. Requires external pulldown or pullup resistor. A transition on the MAX9268’s
INT input toggles the GMSL serializer’s INT output.
3
CDS
Control Direction Selection. Control link direction selection input requires external pulldown or
pullup resistor. Set CDS = low for FC on the GMSL serializer side of the serial link. Set CDS =
high for FC on the MAX9268 side of the serial link.
4
GPIO0
General-Purpose I/O 0. Open-drain, general-purpose input/output with internal 60kI (typ)
pullup resistor to IOVDD. GPIO0 is high impedance during power-up and when PWDN = low.
5, 23, 32, 47
AVDD
3.3V Analog Power Supply. Bypass AVDD to AGND with 0.1FF and 0.001FF capacitors as
close as possible to the device with the smaller capacitor closest to AVDD.
6, 7
IN+, IN-
Differential CML Input. Differential input of the serial link.
8, 24, 31, 37, 48
AGND
Analog Ground
9
EQS
Equalizer Select Input. EQS requires external pulldown or pullup resistor. The state of EQS
latches upon power-up or when resuming from power-down mode (PWDN = low). Set
EQS = low for 10.7dB equalizer boost (EQTUNE = 1001). Set EQS = high for 5.2dB
equalizer boost (EQTUNE = 0100).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com