Electronic Components Datasheet Search
  English  ▼

X  

MAX9268 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX9268
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX9268 Datasheet HTML 26Page - Maxim Integrated Products MAX9268 Datasheet HTML 27Page - Maxim Integrated Products MAX9268 Datasheet HTML 28Page - Maxim Integrated Products MAX9268 Datasheet HTML 29Page - Maxim Integrated Products MAX9268 Datasheet HTML 30Page - Maxim Integrated Products MAX9268 Datasheet HTML 31Page - Maxim Integrated Products MAX9268 Datasheet HTML 32Page - Maxim Integrated Products MAX9268 Datasheet HTML 33Page - Maxim Integrated Products MAX9268 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
30 _____________________________________________________________________________________
Table 12. Register Table (see Table 1)
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x00
D[7:1]
SERID
XXXXXXX
Serializer device address. Power-up default address
determined by ADD0 and ADD1 (see Table 2).
XX00XX0
D0
—
0
Reserved
0
0x01
D[7:1]
DESID
XXXXXXX
Deserializer device address. Power-up default address
determined by ADD0 and ADD1 (see Table 2).
XX01XX0
D0
—
0
Reserved
0
0x02
D[7:6]
SS
00
No spread spectrum. Power-up default when
SSEN = low.
00, 01
01
Q
2% spread spectrum. Power-up default when
SSEN = high.
10
No spread spectrum
11
Q
4% spread spectrum
D5
—
0
Reserved
0
D4
AUDIOEN
0
Disable I2S channel
1
1
Enable I2S channel
D[3:2]
PRNG
00
12.5MHz to 25MHz pixel clock
11
01
25MHz to 50MHz pixel clock
10
50MHz to 104MHz pixel clock
11
Automatically detect the pixel clock range
D[1:0]
SRNG
00
0.5Gbps to 1Gbps serial-data rate
11
01
1Gbps to 2Gbps serial-data rate
10
2Gbps to 3.125Gbps serial-data rate
11
Automatically detect serial-data rate
0x03
D[7:6]
AUTOFM
00
Calibrate spread-modulation rate only once after locking
00
01
Calibrate spread-modulation rate every 2ms after locking
10
Calibrate spread-modulation rate every 16ms after
locking
11
Calibrate spread-modulation rate every 256ms after
locking
D5
—
0
Reserved
0
D[4:0]
SDIV
00000
Autocalibrate sawtooth divider
00000
XXXXX
Manual SDIV setting. See the Manual Programming of
Spread-Spectrum Divider section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com