Electronic Components Datasheet Search
  English  ▼

X  

MAX9268 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX9268
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX9268 Datasheet HTML 23Page - Maxim Integrated Products MAX9268 Datasheet HTML 24Page - Maxim Integrated Products MAX9268 Datasheet HTML 25Page - Maxim Integrated Products MAX9268 Datasheet HTML 26Page - Maxim Integrated Products MAX9268 Datasheet HTML 27Page - Maxim Integrated Products MAX9268 Datasheet HTML 28Page - Maxim Integrated Products MAX9268 Datasheet HTML 29Page - Maxim Integrated Products MAX9268 Datasheet HTML 30Page - Maxim Integrated Products MAX9268 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
______________________________________________________________________________________ 27
ERR Output
The MAX9268 has an open-drain ERR output. This
output asserts low whenever the number of decoding errors
exceeds the error threshold ERRTHR (0x0C) during normal
operation, or when at least one PRBS error is detected dur-
ing the PRBS test. ERR reasserts high whenever DECERR
(0x0D) resets due to DECERR readout, video link lock, or
autoerror reset.
Autoerror Reset
The default method to reset errors is to read the
respective error registers in the MAX9268 (0x0D, 0x0E).
Autoerror reset clears the decoding error counter DECERR
and the ERR output ~1Fs after ERR goes low. Autoerror
reset is disabled on power-up. Enable autoerror reset
through AUTORST (0x06 D6). Autoerror reset does not
run when the device is in PRBS test mode.
Self-PRBS Test
The GMSL serializer/MAX9268 link includes a PRBS pattern
generator and bit-error verification function. Set PRBSEN
= 1 (0x04 D5) first in the GMSL serializer and then the
MAX9268 to start the PRBS test. Set PRBSEN = 0 (0x04 D5)
first in the MAX9268 and then the GMSL serializer to exit the
PRBS self-test. The MAX9268 uses an 8-bit register (0x0E)
to count the number of detected errors. The control link
also controls the start and stop of the error counting. During
PRBS mode, the device does not count decoding errors
and the MAX9268 ERR output reflects PRBS errors only.
Microcontrollers on Both Sides of the
GMSL Link (Dual µC Control)
Usually a single FC is used for GMSL device programming
and control-channel communications and is located either
on the serializer side for video-display applications or on
the deserializer (MAX9268) side for image-sensing appli-
cations. In the former case, the CDS pins of the serializer/
deserializer are set to low; in the latter case, they are set to
high. However, if the CDS pin of the serializer is low and the
same pin on the deserializer is high, then FCs connected
at each device are enabled as masters simultaneously. In
such a case, the FC on either side communicates with the
GMSL serializer and the MAX9268.
Contention can occur if the FCs attempt to use the control
channel at the same time. The serializer/deserializer do
not in themselves provide a way to avoid contention. The
fact that an acknowledge is not received when contention
occurs can be used to trigger a retry. Alternatively, a higher
layer protocol can be implemented to avoid contention. In
addition, if UART communication across the serial link is
not required, the FCs can disable the forward and reverse
control channel through the REVCCEN and FWDCCEN
bits (0x04 D[1:0]) in the GMSL serializer/MAX9268. UART
communication across the serial link is prevented and
therefore contention between FCs can no longer occur.
During dual FC operation, if one of the CDS pins on either
side changes state, the link resumes the corresponding
state described in the Link Startup Procedure section.
As an example of dual FC use in an image-sensing appli-
cation, the GMSL serializer can be in sleep mode and
waiting for wake-up by the MAX9268. After wake-up, the
serializer-side FC sets the GMSL serializer’s CDS pin low
and assumes master control of the serializer’s registers.
Changing the Clock Frequency
Both the video clock rate (fTXCLKOUT_) and the control-
channel clock rate (fUART) can be changed on-the-fly
to support applications with multiple clock speeds. It is
recommended to enable the serial link after the video clock
stabilizes. Stop the video clock for 5Fs and restart the serial
link, or toggle SEREN after each change in the video clock
frequency, to recalibrate any automatic settings if a smooth
frequency change cannot be guaranteed. The reverse
control channel remains unavailable for 350Fs after serial
link start or stop. Limit on-the-fly changes in fUART to factors
of less than 3.5 at a time to ensure that the device recog-
nizes the UART sync pattern. For example, when lowering
the UART frequency from 1Mbps to 100kbps, first send
data at 333kbps and then at 100kbps to have reduction
ratios of 3 and 3.333, respectively.
LOCK Output Loopback
For quick loss-of-lock notification, the MAX9268 can loop
back its LOCK output to the GMSL serializer using the
INT signal. Connect the LOCK output to the INT input of
the MAX9268. The interrupt output on the GMSL serializer
follows the transitions at the LOCK output. Reverse control-
channel communication does not require an active forward
link to operate and accurately tracks the LOCK status of the
video link. LOCK asserts for video link only and not for the
configuration link.
GPIOs
The MAX9268 has two open-drain GPIOs available.
GPIO1OUT and GPIO0OUT (0x06 D3, D1) set the output
state of the GPIOs. The GPIO input buffers are always
enabled. The input states are stored in GPIO1 and GPIO0
(0x06 D2, D0). SET GPIO1OUT/GPIO0OUT to 1 when
using GPIO1/GPIO0 as an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com