Electronic Components Datasheet Search
  English  ▼

X  

SC197 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC197
Description  3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC197 Datasheet(HTML) 5 Page - Semtech Corporation

  SC197 Datasheet HTML 1Page - Semtech Corporation SC197 Datasheet HTML 2Page - Semtech Corporation SC197 Datasheet HTML 3Page - Semtech Corporation SC197 Datasheet HTML 4Page - Semtech Corporation SC197 Datasheet HTML 5Page - Semtech Corporation SC197 Datasheet HTML 6Page - Semtech Corporation SC197 Datasheet HTML 7Page - Semtech Corporation SC197 Datasheet HTML 8Page - Semtech Corporation SC197 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SC197
5
Typical Characteristics
Efficiency vs. I
OUT (TA = -40°C)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Load Current (mA)
3.3V
2.8V
1.8V
0.8V
Efficiency vs. I
OUT (TA = 25°C)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Load Current (mA)
3.3V
2.8V
1.8V
0.8V
Efficiency vs. I
OUT (TA = 85°C)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Load Current (mA)
3.3V
2.8V
1.8V
0.8V
4.2V
5.0V
70
75
80
85
90
95
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VOUT (V)
3.6V
70
75
80
85
90
95
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VOUT (V)
3.6V
4.2V
5.0V
70
75
80
85
90
95
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VOUT (V)
3.6V
4.2V
5.0V
V
IN = 4.0V for VOUT = 3.3V, VIN = 3.6V for all others. CIN = 4.7µF, COUT = 10µF, LX = 1µH, TA = 25°C unless otherwise noted.
Efficiency vs. V
OUT (TA = -40°C)
Efficiency vs. V
OUT (TA = 25°C)
Efficiency vs. V
OUT (TA = 85°C)
I
OUT = 300mA
I
OUT = 300mA
I
OUT = 300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com