Electronic Components Datasheet Search
  English  ▼

X  

SC197 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC197
Description  3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC197 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC197 Datasheet HTML 8Page - Semtech Corporation SC197 Datasheet HTML 9Page - Semtech Corporation SC197 Datasheet HTML 10Page - Semtech Corporation SC197 Datasheet HTML 11Page - Semtech Corporation SC197 Datasheet HTML 12Page - Semtech Corporation SC197 Datasheet HTML 13Page - Semtech Corporation SC197 Datasheet HTML 14Page - Semtech Corporation SC197 Datasheet HTML 15Page - Semtech Corporation SC197 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SC197
12
General Description
The SC197 contains two identical synchronous step-down
PWM (Pulse Width Modulated) DC-DC regulators. Each
regulator utilizes a 3.5MHz fixed-frequency voltage mode
architecture. Each is designed to operate in fixed-fre-
quency PWM mode and enter PSAVE (Power Save) mode
utilizing pulse frequency modulation under light load
conditions to maximize efficiency. Each regulator requires
only two capacitors and a single inductor to be imple-
mented in most systems. The switching frequency has
been chosen to minimize the size of the inductor and
capacitors while maintaining high efficiency. Output
voltage is programmable, eliminating the need for exter-
nal programming resistors. Loop compensation is also
internal, eliminating the need for external components to
control stability.
Programmable Output Voltage
The SC197 has 15 fixed output voltage levels which can be
individually selected by programming the CTLx(A/B)
control pins (see Table 1 on page 2 for settings). Control
pins with an “A” suffix refer to the A output, and the “B”
suffix refers to the B output. “A”and“B”devices are electri-
cally isolated and share no connections internal to the
package. The“A”or“B”device is disabled whenever all four
CTLxA or all four CTLxB pins are pulled low. The “A” or “B”
device is enabled whenever at least one of the CTLxA or
CTLxB pins is pulled high. This configuration eliminates
the need for a dedicated enable pin. Each CTLx(A/B) pin is
internally pulled down via 1MΩ if V
IN is below 1.5V or if the
voltage on the control pin is below the input high voltage.
This ensures that the output is disabled when power is
applied if there are no inputs to the CTLx(A/B) pins. Each
weak pull-down is disabled whenever its pin is pulled high
and remains disabled until all CTLx(A/B) pins are pulled
low.
The output voltage can be set using different methods. If
a static output voltage is required, the CTLx(A/B) pins can
be tied to either IN or GND to set the desired voltage
whenever power is applied at IN. If enable control is
required, each CTLx(A/B) pin can be tied to either GND or
to a microprocessor I/O line to create the desired control
code whenever the control signal is forced high. This
approach is equivalent to using the CTLx(A/B) pins collec-
tively as a single enable pin. A third option is to connect
each of the four CTLx(A/B) pins to individual micropro-
cessor I/O lines. Any of the 15 output voltages can be
programmed using this approach. If only two output
voltages are needed, the CTLx(A/B) pins can be combined
in a way that will reduce the number of I/O lines to 1, 2,
or 3, depending on the control code for each desired
voltage. Other CTLx(A/B) pins could be hard wired to
GND or IN. This option allows dynamic voltage adjust-
ment for systems that reduce the supply voltage when
entering sleep states. Note that applying all zeros to the
CTLx(A/B) pins when changing the output voltages will
temporarily disable the device, so it is important to avoid
this combination when dynamically changing levels.
CTLxA and CTLxB pins may only be connected together
when A and B devices share the same power source; i.e.,
INA and INB pins are connected together, and GNDA and
GNDB are connected together. Note that connecting any
CTLxA and CTLxB pins together will force both A and B
d e v i ce s to m a k e o u t p u t vo l t a g e c h a n g e s
simultaneously.
Adjustable Output Voltage Selection
If an output voltage other than one of the 15 program-
mable settings is needed, an external resistor divider
network can be added to the SC197 to adjust the output
voltage setting. This network scales the output based on
the resistor ratio and the programmed output setting.
The resistor values can be determined using the equa-
tion. Note that V
OUT may refer to either the A or B device.
1
FB
LEAK
2
FB
2
FB
1
FB
SET
OUT
R
I
R
R
R
V
V
where V
OUT is the desired output voltage, VSET is the
voltage setting selected by the CTLx(A/B) pins, R
FB1 is the
resistor between the output capacitor and the OUT(A/B)
pin, R
FB2 is the resistor between the OUT(A/B) pin and
ground, and I
LEAK is the leakage current into the OUT(A/B)
pin during normal operation. The current into the
OUT(A/B) pin is typically 1µA, so the last term of the equa-
tion can be neglected if the current through R
FB2 is much
larger than 1µA. Selecting a resistor value of 10kΩ or
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com