Electronic Components Datasheet Search
  English  ▼

X  

SC197 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC197
Description  3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC197 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC197 Datasheet HTML 12Page - Semtech Corporation SC197 Datasheet HTML 13Page - Semtech Corporation SC197 Datasheet HTML 14Page - Semtech Corporation SC197 Datasheet HTML 15Page - Semtech Corporation SC197 Datasheet HTML 16Page - Semtech Corporation SC197 Datasheet HTML 17Page - Semtech Corporation SC197 Datasheet HTML 18Page - Semtech Corporation SC197 Datasheet HTML 19Page - Semtech Corporation SC197 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SC197
18
2.00
1.90
2.10
NOTES:
0.08
18
0.85
0.00
0.50
1.10
1.00
0.05
0.60
(0.152)
-
-
0.10
2.90 3.00 3.10
0.40 BSC
0.25 0.30 0.35
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
2.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
1.
DIMENSIONS
e
bbb
aaa
A1
A2
D1
E1
DIM
N
L
E
D
A
MILLIMETERS
MAX
MIN NOM
SEATING
PLANE
b
0.15 0.20 0.25
A1
aaa C
A
A2
C
1.85 2.00 2.10
PIN 1
INDICATOR
(LASER MARK)
A
B
D
E
N
1
0.310
e
1.20
2.00
0.285
e
0.80
bbb
C A B
bxN
0.310
e
1.20
2.00
LxN
E1
D1
0.285
e
0.80
0.30 x 45° CHAMFER
Outline Drawing — MLPQ-UT18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com