Electronic Components Datasheet Search
  English  ▼

X  

LC75342 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC75342
Description  Single-Chip Volume and Tone Control System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75342 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC75342 Datasheet HTML 1Page - Sanyo Semicon Device LC75342 Datasheet HTML 2Page - Sanyo Semicon Device LC75342 Datasheet HTML 3Page - Sanyo Semicon Device LC75342 Datasheet HTML 4Page - Sanyo Semicon Device LC75342 Datasheet HTML 5Page - Sanyo Semicon Device LC75342 Datasheet HTML 6Page - Sanyo Semicon Device LC75342 Datasheet HTML 7Page - Sanyo Semicon Device LC75342 Datasheet HTML 8Page - Sanyo Semicon Device LC75342 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ordering number : ENN*6271
D2499RM (OT) No. 6271-1/20
Overview
The LC75342 and LC75342M are electronic volume and
tone control systems that provide volume, balance, a 2-
band equalizer, and input switching functions that can be
controlled from serially transferred data.
Functions
• Volume: 0 dB to –79 dB (in 1-dB steps) and –
∞, for a
total of 81 settings.
The volume can be controlled independently in the left
and right channels to implement a balance function.
• Bass boost: Up to +20 dB in 2-dB steps. Peaking
characteristics.
• Treble: ±10 dB in 2-dB steps. Shelving characteristics.
• Selector: One of four sets of left/right inputs can be
selected.
• Input gain: The input signal can be boosted by from
0 dB to +30 dB in 2-dB steps.
Features
• On-chip buffer amplifiers minimize the number of
external components.
• Fabricated in a silicon gate CMOS process to minimize
switching noise from internal switches.
• Built-in analog ground reference voltage generation
circuit.
• All controls can be set from serially transferred data.
Supports the CCB standard.
Package Dimensions
unit: mm
3196-DIP30SD
unit: mm
3216-MFP30S
1
15
30
16
1.14
1.78
27.2
0.48
0.95
Preliminary
SANYO: DIP30SD
[LC75342]
0.15
15.3
115
30
16
0.65
1.0
0.35
SANYO: MFP30S
[LC75342M]
LC75342, 75342M
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Single-Chip Volume and Tone Control System
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is a SANYO’s original bus format and all the
bus addresses are controlled by SANYO.


Similar Part No. - LC75342

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
Electronic Volume Control System on-Chip
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
Electronic Volume Control System on-Chip
LC75344M SANYO-LC75344M Datasheet
529Kb / 11P
2 CHANNEL VOLUME SYSTEM
More results

Similar Description - LC75342

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
Single-Chip Volume and Tone Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
Single-Chip Electronic Volume Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
Single-Chip Electronic Volume and Tone Control System
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com