Electronic Components Datasheet Search
  English  ▼

X  

LC75342 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75342
Description  Single-Chip Volume and Tone Control System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75342 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75342 Datasheet HTML 1Page - Sanyo Semicon Device LC75342 Datasheet HTML 2Page - Sanyo Semicon Device LC75342 Datasheet HTML 3Page - Sanyo Semicon Device LC75342 Datasheet HTML 4Page - Sanyo Semicon Device LC75342 Datasheet HTML 5Page - Sanyo Semicon Device LC75342 Datasheet HTML 6Page - Sanyo Semicon Device LC75342 Datasheet HTML 7Page - Sanyo Semicon Device LC75342 Datasheet HTML 8Page - Sanyo Semicon Device LC75342 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
No. 6271-2/20
LC75342, 75342M
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
4.5
10
V
High-level input voltage
VIH
CL, DI, CE
2.7
10
V
Low-level input voltage
VIL
CL, DI, CE
7.5
≤ VDD ≤ 10.0
VSS
1.0
V
4.5
≤ VDD < 7.5
VSS
0.8
Input voltage amplitude
VIN
CE, DI, CL, L1 to L4,
VSS
VDD
Vp-p
R1 to R4, LIN, RIN
Input pulse width
tøW
CL
1
µs
Setup time
tsetup
CL, DI, CE
1
µs
Hold time
thold
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = –30 to +75°C, VSS = 0 V
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Input resistance
Rin
LIN, RIN
50
k
Ω
Volume Control Block
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Control range
Geq
max.boost
±18
±20
±22
dB
Step resolution
Estep
1
2
3
dB
Internal feedback resistance
Rfeed
66.6
k
Ω
Bass Band Equalizer Control Block
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Control range
Geq
max.boost/cut
±8
±10
±12
dB
Step resolution
Estep
1
2
3
dB
Internal feedback resistance
Rfeed
51.7
k
Ω
Treble Band Equalizer Control Block
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Maximum input gain
Gin max
+30
dB
Step resolution
Gstep
+2
dB
Input resistance
Rin
L1, L2, L3, L4
50
k
Ω
R1, R2, R3, R4
Clipping level
Vcl
LSEL0, RSEL0
THD = 1.0%, f = 1 kHz
2.90
Vrms
Output load resistance
Rl
LSEL0, RSEL0
10
k
Ω
Electrical Characteristics at Ta = 25°C, VDD = 9 V, VSS = 0 V
Input Block
Parameter
Symbol
Pin
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
11
V
Maximum input voltage
VIN max
CE, DI, CL, L1 to L4,
VSS – 0.3 to VDD + 0.3
V
R1 to R4, LIN, RIN
Ta
≤ 75°C
LC75342
450
Allowable power dissipation
Pdmax
Ta
≤ 75°C
LC75342M
450
mW
with a PCB*
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Note: * Printed circuit board size: 76.1
× 114.3 × 1.6 mm, printed circuit board material: glass/epoxy resin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com