Electronic Components Datasheet Search
  English  ▼

X  

LC75342 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC75342
Description  Single-Chip Volume and Tone Control System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75342 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75342 Datasheet HTML 2Page - Sanyo Semicon Device LC75342 Datasheet HTML 3Page - Sanyo Semicon Device LC75342 Datasheet HTML 4Page - Sanyo Semicon Device LC75342 Datasheet HTML 5Page - Sanyo Semicon Device LC75342 Datasheet HTML 6Page - Sanyo Semicon Device LC75342 Datasheet HTML 7Page - Sanyo Semicon Device LC75342 Datasheet HTML 8Page - Sanyo Semicon Device LC75342 Datasheet HTML 9Page - Sanyo Semicon Device LC75342 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
No. 6271-6/20
LC75342, 75342M
Input Gain Control
D4
D5
D6
D7
Operation
0000
0 dB
1
0
0
0
+2 dB
0
1
0
0
+4 dB
1
1
0
0
+6 dB
0
0
1
0
+8 dB
1
0
1
0
+10 dB
0
1
1
0
+12 dB
1
1
1
0
+14 dB
0
0
0
1
+16 dB
1
0
0
1
+18 dB
0
1
0
1
+20 dB
1
1
0
1
+22 dB
0
0
1
1
+24 dB
1
0
1
1
+26 dB
0
1
1
1
+28 dB
1
1
1
1
+30 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com