Electronic Components Datasheet Search
  English  ▼

X  

LC75342 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC75342
Description  Single-Chip Volume and Tone Control System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75342 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC75342 Datasheet HTML 1Page - Sanyo Semicon Device LC75342 Datasheet HTML 2Page - Sanyo Semicon Device LC75342 Datasheet HTML 3Page - Sanyo Semicon Device LC75342 Datasheet HTML 4Page - Sanyo Semicon Device LC75342 Datasheet HTML 5Page - Sanyo Semicon Device LC75342 Datasheet HTML 6Page - Sanyo Semicon Device LC75342 Datasheet HTML 7Page - Sanyo Semicon Device LC75342 Datasheet HTML 8Page - Sanyo Semicon Device LC75342 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
No. 6271-3/20
LC75342, 75342M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Total harmonic distortion
THD
VIN = 1 Vrms, f = 1 kHz, all flat overall
0.01
%
Crosstalk
CT
VIN = 1 Vrms, f = 1 kHz, Rg = 1 kΩ, all flat overall
80
dB
Output noise voltage
VN
All flat overall, 80 kHz, L.P.F
9.3
µV
Maximum attenuation
Vomin
All flat overall, f = 1 kHz
–90
dB
Current drain
IDD
VDD – VSS = +10 V
37
mA
High-level input current
IIH
CL, DI, CE: VIN = 10 V
10
µA
Low-level input current
IIL
CL, DI, CE: VIN = 0 V
–10
µA
Overall Characteristics
Pin Assignment
(Top view)
LC75342, 75342M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com