Electronic Components Datasheet Search
  English  ▼

X  

33899 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 26Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33899
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
2
6/2006
• Initial Release
3
2/2008
• Reworded Notes for Static and Dynamic Electrical Characteristic Tables.
• Changed Static Electrical Characteristics Table:
• Changed Undervoltage Shutdown Threshold Minimum from 3.4 to 3.3V
• Changed CRES Voltage Minimum from 14 to VIGNP +8 for VIGNP=6.0V and for
9.5V
≤ VIGNP ≤ 26.5V changed Maximum from 45 to VIGNP +18.5V
• Changed Dynamic Electrical Characteristics Table:
• Changed Short Circuit Filter Minimum from 5.0 to 4.0
μs
• Changed DO Output Hold Time from 0 to 12ns
• Added Delay Until Output Turns ON “tENDLY”
• Added PC33899CVW to the Ordering Information
4.0
5/2010
• Corrected Pin name typo; D1 changed to DI throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com