Electronic Components Datasheet Search
  English  ▼

X  

33899 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33899
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
As per the above equation, a 2.2 nF capacitor will provide
a nominal 75
μs time interval.
Figure 9. Re-enable after a Low Side Current Comparator Trip
LOW SIDE CURRENT COMPARATOR VS.
CURRENT LIMIT LEVELS
There are two different current limit thresholds for the low
side MOSFETs: current comparator and current limit. Current
comparator is the normal commanded switching current.
Current limit is for fault protection.
The inductance of the load results in just the current
comparator tripping. Once the low side current comparator
has tripped and filter time expired, the low side MOSFET
turns off and the high side MOSFET subsequently turns on
for normal current re-circulation in the load. If an actual hard
short to either VIGNP or ground on the S0/S1 outputs is
encountered, the current limit kicks in and prevents large
current spikes from VIGNP (or to ground) to occur. The
threshold level of the current comparator vs. the high and low
side current limits is given in the Static Electrical
Characteristics table, page 8.
As backup protection, there is a linear over-current
controller to limit current spikes during timer operations.
SERIAL PERIPHERAL INTERFACE (SPI)
The 33899 has a serial peripheral interface consisting of
Chip Select (CS), Serial Clock (SCLK), Serial Data Out (DO),
and Serial Data In (DI). This device is configured as a SPI
slave and is daisy-chainable (single CS for multiple SPI
slaves).
CHIP SELECT (CS)
The CS is a low = true input that selects this device for
serial transfers. On the falling edge of CS, the DO pin is
released from tri-state mode, and all status information is
latched in the SPI shift register. While CS is asserted, register
data is shifted into the DI pin and shifted out of the DO pin on
each subsequent SCLK. On the rising edge of CS, the DO pin
is placed in a high-impedance state and the Fault register
reloaded (latched) with the current filtered status data. To
allow sufficient time to reload the Fault register, the CS pin
must remain low for a minimum of tCSN prior to going high
again.
By design, the CS input is immune to spurious pulses of
50 ns or shorter. (DO may come out of tri-state, but no status
bits are cleared and no control bits are changed.)
The CS input has a 50
μA current source to VCC, which
pulls this pin to VCC if an open circuit condition occurs. This
pin has TTL-level compatible input voltages, which allows
proper operation with microprocessors using a 3.0 V to 5.0 V
supply.
SERIAL CLOCK (SCLK)
The SCLK input is the clock signal input for
synchronization of serial data transfer. This pin has TTL-level
compatible input voltages, which allow proper operation with
microprocessors using a 3.3 V to 5.0 V supply.
When CS is asserted, both the microprocessor and the
33899 latch input data on the rising edge of SCLK. The SPI
master typically shifts data out on the falling edge of SCLK,
while the 33899 shifts data out on the falling edge of SCLK to
allow more time to drive the DO pin to the proper level.
SERIAL DATA OUTPUT (DO)
The DO is the SPI data out pin. When CS is asserted (low),
the MSB is the first bit of the word transmitted on DO and the
LSB is the last bit of the word transmitted on DO. After all 8
bits of the fault register are transmitted, the DO output
sequentially transmits the digital data that was just received
LS Current Comparator
PWM
REDIS
4 VDC
Iload
Reset to
0 VDC
Reset to
0 VDC
t = 33.3 * C (nF)
μs
tmin = 25 μs
t = 33.3 * C (nF)
μs
tmin = 25 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com