Electronic Components Datasheet Search
  English  ▼

X  

33899 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33899 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33899
PIN CONNECTIONS
24
RS
Slew Rate Control
This input pin is connected to a resistor that sets slew timing.
25
PWM
PWM Input
This input pin is used to set the motor switching and frequency duty cycle.
26
FWD
Forward Input
This input pin, along with the reverse input pin REV, determines the direction of
current flow in the H-Bridge.
27
REV
Reverse Input
This input pin, along with the forward input pin FWD, determines the direction of
current flow in the H-Bridge.
28
VCCL
3.3 V Input
3.3 V input source.
29
VCC
5.0 V Input
5.0 V input source.
30
CSNS
Current Sense
Output of current amplifier.
Tab/Pad
Thermal
Interface/
GND
Exposed Pad Thermal
Interface
The exposed pad, a thermal interface for sinking heat from the device, is also a
high-current GND connection and must be connected to GND (pins 12 and 19).
Table 1. 33899 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 12.
Pin Number
Pin Name
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com