Electronic Components Datasheet Search
  English  ▼

X  

33899 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33899
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
LOAD CURRENT FEEDBACK (CSNS)
The load current sense circuit mirrors a sample of the load
current back to the microcontroller via the CSNS pin. It
supplies a current that is 1/400th of the load current (see
Equation 1). An analog multiplexer routes the enabled high
side current to the CSNS pin. An external resistor connected
to the CSNS pin (RCSNS) sets current to voltage gain. The
circuit operates properly in the presence of high-frequency
noise. An external capacitor may be necessary to provide
filtering.
Note This output is clamped so that it will not exceed VCC.
CHARGE PUMP RESERVOIR CAPACITOR (CRES)
The charge pump provides an output voltage over the full
operating VIGNP range that is sufficient to drive the output
MOSFETs and ensure that the output RDS(ON) specifications
are met. An external reservoir capacitor of 0.1
μF is
recommended. The charge pump operates at approximately
2.0 MHz to 4.0 MHz in order to prevent interference with AM
entertainment radio.
HIGH SIDE AND LOW SIDE SLEW TIME CONTROL
(RS)
The turn-on and the turn-off slew times on S0 and S1 (both
low and high side drive outputs) are adjustable from 5.0
μs
(50 k
Ω RS) to 1.0 μs (10kΩ RS) to reduce high-frequency
harmonic energy in the vehicle’s wiring harness. In addition,
slew time control is programmable to be either 1X, 2X, or 4X
(via the SPI) to lower power dissipation at elevated die
temperatures. The characteristics of the turn-on and turn-off
voltage are linear, with no discontinuities, during the output
driver state transitions. If the RS pin detects an impedance of
less than 5.0 k
Ω to ground or greater than 1.0 MΩ to ground,
it defaults to the fastest slew time of 1.0
μs.
LOW SIDE COMPARATOR ONE SHOT OUTPUT
(LSCMP)
The LSCMP output pin pulses high for 5.0
μs to 10 μs any
time the low side comparator is tripped. Then the output goes
low during a 5
μs to 10μs blanking time. If another low side
comparator trip event is detected during the blanking time,
another 5
μs to 10μs pulse high occurs immediately after the
blanking interval.
Figure 8. LS Current Comparator One Shot
AUTOMATIC OUTPUT RE-ENABLE DISABLE
(REDIS)
The REDIS input pin automatically re-enables the low side
MOSFET once the REDIS input voltage exceeds 4.0 V. An
external capacitor (CREDIS) determines the time interval (see
Equation 2). Once a low side current comparator is tripped, a
120
μA current source linearly charges the capacitor until
either the next rising edge of PWM or the 4.0 V trip level is
achieved. This re-enables the low side output MOSFET and
discharges the capacitor to 0V. This feature is disabled by
grounding this input.
VCSNS =
IOUT
400
RCSNS
.
Eq. 1
LS Current Comparator
Iload
PWM
LSCmp
5 - 10
μs
Pulse Out
5 - 10
μs
Blank Time
5 - 10
μs
Pulse Out
The REDIS min duration = 25
μs,
so CREDIS must be > 1.0 nF
> 40
μs
5 - 10
μs
5 - 10
μs
CREDIS
I
.
dt =
dv
C
120
μA
. 4.0 V
=
Eq. 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com