Electronic Components Datasheet Search
  English  ▼

X  

33981 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33981
TYPICAL APPLICATIONS
POWER DISSIPATION
CISPR 25 standard as shown in Figure 31. The tested board
was the EMC enhanced board.
Figure 31. Radiated Emission Test Set Up
The results of these measurements are represented in
Figure 32. The enhanced board is in accordance with the
Class 3 limits of the CISPR25 standard for radiated emission.
Figure 32. Radiated Emission Spectrum for 33981
CONCLUSION
This document explains how to measure conducted and
radiated emission in accordance with the automotive
CISPR25 standard. Measurements were performed on the
33981 in real application conditions, when driving an
inductive load. An optimized filtering solution was put in place
to have the tested system in accordance with the Class 3
limits. The same method can be used with other PC boards.
POWER DISSIPATION
INTRODUCTION
This section relates to the power dissipation capability for
33981, High Frequency High-current High Side Switch. This
device is a self-protected silicon switch used to replace
electromechanical relays, fuses, and discrete circuits in
power management applications.
This section presents the key features of the device and its
targeted applications. The theoretical calculations for power
dissipation and die junction temperatures are determined in
this document for inductive loads. A concrete example with
DC motor driven by the 33981 is analyzed in section DC
Motor 200 W.
DEVICE FEATURES
This 33981 is a 4.0 m
Ω self-protected, high side switch
digitally controlled from a microcontroller (MCU) with
extended diagnostics, able to drive DC motors up to 60 kHz.
A bootstrap architecture has been used to provide fast
transient gate voltage in order to reach 4.0 m
Ω RDS(ON)
maximum at room temperature. In parallel, a charge pump is
implemented to offer continuous on-state capability. This
dual current supply of the high side MOSFET allows a duty
cycle from 5% to 100%. An external capacitor connected
between pins SR and GND is used to control the slew rate at
the output and, therefore, reduce electromagnetic
perturbations.
In standard configuration, the motor current recirculation is
handled by an external freewheeling diode. To reduce global
power dissipation, the freewheeling diode can be replaced by
an external discrete MOSFET in low side configuration. The
IC integrates a gate driver that controls and protects this
external MOSFET in the event of short-circuit to battery. The
product manages the cross conduction between the internal
high side and the external low side when used in a half-bridge
configuration. The two MOSFETs can be controlled
independently when the CONF pin is at 0 V. To eliminates
fuses, the device is self-protected from severe short-circuits
(100 A typical) with an innovative over-current strategy.
The 33981 has a current feedback for real-time monitoring
of the load current through an MCU analog/digital converter
to facilitate closed-loop operation for motor speed control.
The 33981 has an analog thermal feedback that can be
used by the MCU to monitor PC board temperature to
optimize the motor control and to protect the entire electronic
system. Therefore, an over-temperature shutdown feature
protects the IC against high overload condition.
1.5 m Length
of Cable
LISN and
Inductive Load
1 m Vertical
Monopole
Antenna
Anechoic
Chamber
EUT
CISPR
Class 3
Limits
33981
Emission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com