Electronic Components Datasheet Search
  English  ▼

X  

33981 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
33981
TYPICAL APPLICATIONS
POWER DISSIPATION
Figure 33 illustrates the typical application diagram.
Figure 33. Typical Application Diagram
APPLICATION
Engine cooling, air conditioning, and fuel pump are the
targeted automotive applications for the 33981. Conventional
solutions are designed with discrete components that are not
optimized in terms of component board size, protection, and
diagnostics. The 33981 is the right candidate to develop
lighter and more compact units.
The adjustment of the DC motor speed allows optimizing
of energy consumption. It is realized by chopping the supply
voltage, hence the mean voltage, applied to the motor. The
commonly used control technique is pulse wide modulation
(PWM) where the average voltage is proportional to the duty
cycle. Most applications require a PWM frequency of at least
20 kHz to avoid audible noise. Figure 34 illustrates typical
waveforms when switching the 33981 at 20 kHz with a duty
cycle of 80%. The output voltage (OUT) and current in the
motor (IMOTOR) waveforms are represented.
Figure 34. Current and Voltage waveforms
POWER DISSIPATION
The 33981 power dissipation is the sum of two kinds of
losses:
• On-State losses when device is fully ON,
• Switching losses when the device switches ON and
OFF.
The analysis that follows assumes an inductive load and
assumes that the current is constant in the load.
The case being considered in this paper is inductive load
and the hypothesis is that the current is constant in the load.
ON-STATE LOSSES
The mean on-state loss periods in the 33981 can be
calculated as follows:
Pon_state = a · RDS(ON) · IOUT2 where ‘a’ is the duty cycle.
The critical parameter is the on resistance (RDS(ON)) that
increases with temperature. The 33981 has a maximum
RDS(ON) at 25ºC of 4.0 mΩ and its deviation with temperature
is only 1.7 as shown in Figure 35.
Figure 35. RDS(ON) vs. Temperature
SWITCHING LOSSES
The mean switching losses in the 33981 can be calculated
as follows:
Pswitching = (tON . FREQ . VPWR . IOUT) / 2 + (tOFF . FREQ .
VPWR . IOUT) / 2
where tON/tOFF is the turn on/off time.
The switching time is a critical parameter. The 33981
provides adjustable slew rates through an external capacitor
(SR) that slow down the rise and fall times to reduce the
electromagnetic emissions. However, this adjustment will
have an impact on power dissipation. Figure 36 gives the
positive (SRR) and negative (SRF) slew rate versus different
values of SR. This is illustrated in Figure 37.
Imotor (10A/di
v)
OU T
M C 33981 ON
MC 33981 OFF
0
1
2
3
4
5
6
7
-50
0
50
100
150
200
Tem perature (°C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com