Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 31Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 32Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 33Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 34Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 35Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 36Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 37Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 38Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33984
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
6.0
2/2006
•
Implemented Revision History page
•
Deletion of MC33984 part number, replaced with MC33984B.
7.0
5/2006
•
Corrected Pin Connections to the proper case outline
•
Added final sentence to Open Load Fault (Non-Latching)
•
Corrected heading labels on Input Timing Switching Characteristics
•
Changed labels in the Typical Applications drawing
•
Corrected Package Dimensions to Revision C
•
Added Thermal Addendum (rev 2.0).
8.0
1/2007
•
Added RoHS logo
9.0
1/2007
•
Changed several names on the Typical Applications on page 29
•
Added section Output current monitoring on page 29
10.0
8/2007
•
Updated Freescale format and style
•
Updated Thermal Rating (RθJA) Junction-to-Ambient (from 20 to 30°C/W)
•
Changes label for HS1 Switching Delay Time (OSD[2:0]) and HS0 Switching Delay Time
(OSD[2:0])
•
Added Functional Internal Block Description
•
Updated Device Behavior in Case of Under-voltage
11.0
10/2009
•
Added MC33984C to the ordering information
•
Added a Device Variation table
12.0
4/2010
•
Corrected link from Device Variation Table to Table 3. No technical changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com