Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 2Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 9Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33984
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Operating Voltage Range
Steady-state
VPWR
-16 to 41
V
VDD Supply Voltage
VDD
-0.3 to 5.5
V
Input/Output Voltage(1)
VIN[0:1], RST, FSI
CSNS, SI, SCLK,
CS, FS
-0.3 to 7.0
V
SO Output Voltage(1)
VSO
-0.3 to VDD+0.3
V
WAKE Input Clamp Current
ICL(WAKE)
2.5
mA
CSNS Input Clamp Current
ICL(CSNS)
10
mA
Output Voltage
Positive
Negative
VHS
41
-15
V
Output Current(2)
IHS[0:1]
30
A
Output Clamp Energy(3)
33984B
33984C
ECL[0:1]
0.75
0.5
J
ESD Voltage(4)
Human Body Model (HBM)
Charge Device Model (CDM)
Corner Pins (1, 12, 15, 16)
All Other Pins (2, 11, 13, 14)
VESD1
VESD3
±2000
±750
±500
V
Notes
1.
Exceeding this voltage limit may cause permanent damage to the device.
2.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using package thermal resistance is required.
3.
Active clamp energy using single-pulse method (L = 16 mH, RL = 0,VPWR = 12 V, TJ = 150°C).
4.
ESD1 testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω); ESD3 testing is
performed in accordance with the Charge Device Model (CDM), Robotic (Czap = 4.0 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com