Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 12Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 13Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 14Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 15Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 16Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 17Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 18Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 19Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33984
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 6 illustrates the over-current detection level (Ioclx,
Iochx) the device can reach for each over-current detection
blanking time (tochx, toclx):
• During tochx, the device can reach up to Ioch0 over-
current level.
• During tocl3 or tocl2 or tocl1 or tocl0, the device can be
programmed to detect up to Iocl0.
Figure 7. Input Timing Switching Characteristics
Figure 8. SCLK Waveform and Valid SO Data Delay Time
SI
RSTB
CSB
SCLK
Don’t Care
Don’t Care
Don’t Care
Valid
Valid
VIH
VIL
VIH
VIH
VIH
VIL
VIL
VIL
TwRSTB
Tlead
TwSCLKh
TrSI
Tlag
TSIsu
TwSCLKl
TSI(hold)
TfSI
0.7 VDD
0.2 VDD
0.7VDD
0.2VDD
0.2VDD
0.7VDD
0.7VDD
TCSB
TENBL
RST
SCLK
SI
CS
0.2 x VDD
tWRST
tENBL
0.2 x VDD
tLEAD
tWSCLKh
tRSI
0.7 x VDD
0.2 x VDD
0.7 x VDD
0.2 x VDD
tSI(SU)
tWSCLKl
tSI(HOLD)
tFSI
0.7 x VDD
t CS
tLAG
VIH
VIH
VIL
VIL
VIH
VIL
VIH
VIH
SO
SO
SCLK
VOH
VOL
VOH
VOL
VOH
VOL
TfSI
TdlyLH
TdlyHL
TVALID
TrSO
TfSO
3.5V
50%
TrSI
High-to-Low
1.0V
0.7 VDD
0.2VDD
0.2 VDD
0.7 VDD
Low-to-High
tRSI
tFSI
0.7 x VDD
SCLK
SO
SO
VOH
VOL
VOH
VOL
VOH
VOL
1.0 V
0.2 x VDD
0.7 x VDD
tRSO
tFSO
0.2 x VDD
tSO(EN)
tSO(DIS)
3.5 V
Low to High
High to Low
tVALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com