Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 14Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 15Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 16Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 17Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 18Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 19Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 20Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 21Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33984
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
SERIAL OUTPUT (SO)
This output pin is connected to the SPI Serial Data Input
pin of the MCU or to the SI pin of the next device of a daisy
chain of devices. This output will remain tri-stated (high-
impedance OFF condition) so long as the CS pin of the device
is Logic HIGH. SO is only active when the CS pin of the device
is asserted Logic LOW. The generated SO output signals are
CMOS logic levels. SO output data is available on the falling
edge of SCLK and transitions immediately on the rising edge
of SCLK.
POSITIVE POWER SUPPLY (VPWR)
This pin connects to the positive power supply and is the
source input of operational power for the device. The VPWR
pin is a backside surface mount tab of the package.
HIGH-SIDE OUTPUT 0 & 1 (HSx)
This pin protects 4.0 m
Ω high side power output to the
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com