Electronic Components Datasheet Search
  English  ▼

X  

LC75844 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75844
Description  1/4 Duty General-Purpose LCD Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75844 Datasheet HTML 6Page - Sanyo Semicon Device LC75844 Datasheet HTML 7Page - Sanyo Semicon Device LC75844 Datasheet HTML 8Page - Sanyo Semicon Device LC75844 Datasheet HTML 9Page - Sanyo Semicon Device LC75844 Datasheet HTML 10Page - Sanyo Semicon Device LC75844 Datasheet HTML 11Page - Sanyo Semicon Device LC75844 Datasheet HTML 12Page - Sanyo Semicon Device LC75844 Datasheet HTML 13Page - Sanyo Semicon Device LC75844 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
No. 6235-13/14
LC75844M
Sample Application Circuit 3
1/3 Bias (for use with normal panels)
Note: *2 When a capacitor except the recommended external capacitance (COSC = 680 pF) is connected the OSC pin, we recommend that applications
connect the OSC pin with a capacitor in the range 220 to 2200pF.
Sample Application Circuit 4
1/3 Bias (for use with large panels)
Note: *2 When a capacitor except the recommended external capacitance (COSC = 680 pF) is connected the OSC pin, we recommend that applications
connect the OSC pin with a capacitor in the range 220 to 2200pF.
From the
microcontroller
C
≥ 0.047 µF
From the
microcontroller
General-purpose
output ports
General-purpose
output ports
Used for functions
such as backlight
control
Used for functions
such as backlight
control
10 k
Ω≥ R ≥ 1 kΩ
C
≥ 0.047 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com