Electronic Components Datasheet Search
  English  ▼

X  

LC75844 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75844
Description  1/4 Duty General-Purpose LCD Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75844 Datasheet HTML 1Page - Sanyo Semicon Device LC75844 Datasheet HTML 2Page - Sanyo Semicon Device LC75844 Datasheet HTML 3Page - Sanyo Semicon Device LC75844 Datasheet HTML 4Page - Sanyo Semicon Device LC75844 Datasheet HTML 5Page - Sanyo Semicon Device LC75844 Datasheet HTML 6Page - Sanyo Semicon Device LC75844 Datasheet HTML 7Page - Sanyo Semicon Device LC75844 Datasheet HTML 8Page - Sanyo Semicon Device LC75844 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Assignment
No. 6235-2/14
LC75844M
LC75844M
A12595
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VLCD max
VLCD
–0.3 to +7.0
V
VIN 1
CE, CL, DI, INH
–0.3 to +7.0
V
Input voltage
VIN 2
OSC
–0.3 to VDD + 0.3
V
VIN 3VLCD 1, VLCD 2
–0.3 to VLCD + 0.3
V
Output voltage
VOUT 1
OSC
–0.3 to VDD + 0.3
V
VOUT 2
S1 to S22, COM1 to COM4, P1 to P4
–0.3 to VLCD + 0.3
V
IOUT 1
S1 to S22
300
µA
Output current
IOUT 2
COM1 to COM4
3
mA
IOUT 3
P1 to P4
5
mA
Allowable power dissipation
Pd max
Ta = 85°C
100
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
2.7
6.0
V
VLCD
VLCD
2.7
6.0
V
Input voltage
VLCD1VLCD1
2/3 VLCD
VLCD
V
VLCD2VLCD2
1/3 VLCD
VLCD
V
Input high level voltage
VIH
CE, CL, DI, INH
0.8 VDD
6.0
V
Input low level voltage
VIL
CE, CL, DI, INH
0
0.2 VDD
V
Recommended external resistance
ROSC
OSC
43
k
Ω
Recommended external capacitance
COSC
OSC
680
pF
Guaranteed oscillation range
fOSC
OSC
25
50
100
kHz
Data setup time
tds
CL, DI: Figure 2
160
ns
Data hold time
tdh
CL, DI: Figure 2
160
ns
CE wait time
tcp
CE, CL: Figure 2
160
ns
CE setup time
tcs
CE, CL: Figure 2
160
ns
CE hold time
tch
CE, CL: Figure 2
160
ns
High level clock pulse width
tøH
CL: Figure 2
160
ns
Low level clock pulse width
tøL
CL: Figure 2
160
ns
Rise time
tr
CE, CL, DI: Figure 2
160
ns
Fall time
tf
CE, CL, DI: Figure 2
160
ns
INH switching time
tc
INH, CE: Figure 3
10
µs
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com