Electronic Components Datasheet Search
  English  ▼

X  

LC75844 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC75844
Description  1/4 Duty General-Purpose LCD Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC75844 Datasheet HTML 1Page - Sanyo Semicon Device LC75844 Datasheet HTML 2Page - Sanyo Semicon Device LC75844 Datasheet HTML 3Page - Sanyo Semicon Device LC75844 Datasheet HTML 4Page - Sanyo Semicon Device LC75844 Datasheet HTML 5Page - Sanyo Semicon Device LC75844 Datasheet HTML 6Page - Sanyo Semicon Device LC75844 Datasheet HTML 7Page - Sanyo Semicon Device LC75844 Datasheet HTML 8Page - Sanyo Semicon Device LC75844 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
No. 6235-3/14
LC75844M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.1 VDD
V
Input high level current
IIH
CE, CL, DI, INH; VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI, INH; VI = 0 V
–5.0
µA
VOH 1
S1 to S22; IO = –20 µA
VLCD – 0.9
V
Output high level voltage
VOH 2
COM1 to COM4; IO = –100 µA
VLCD – 0.9
V
VOH 3
P1 to P4; IO = –1 mA
VLCD – 0.9
V
VOL 1
S1 to S22; IO = 20 µA
0.9
V
Output low level voltage
VOL 2
COM1 to COM4; IO = 100 µA
0.9
V
VOL 3
P1 to P4; IO = 1 mA
0.9
V
VMID 1
COM1 to COM4; 1/2 bias,
1/2 VLCD – 0.9
1/2 VLCD + 0.9
V
IO = ±100 µA
VMID 2
S1 to S22; 1/3 bias,
2/3 VLCD – 0.9
2/3 VLCD + 0.9
V
IO = ±20 µA
Output middle level voltage*1
VMID 3
S1 to S22; 1/3 bias,
1/3 VLCD – 0.9
1/3 VLCD + 0.9
V
IO = ±20 µA
VMID 4
COM1 to COM4; 1/3 bias,
2/3 VLCD – 0.9
2/3 VLCD + 0.9
V
IO = ±100 µA
VMID 5
COM1 to COM4; 1/3 bias,
1/3 VLCD – 0.9
1/3 VLCD + 0.9
V
IO = ±100 µA
Oscillator frequency
fOSC
OSC; ROSC = 43 kΩ, COSC = 680 pF
40
50
60
kHz
IDD 1VDD; power saving mode
5
µA
IDD 2VDD; VDD = 6.0 V, output open, fosc = 50 k Hz
230
460
µA
ILCD 1VLCD; power saving mode
5
µA
Current drain
ILCD 2
VLCD; VLCD = 6.0 V, output open
100
200
µA
1/2 bias, fosc = 50 k Hz
ILCD 3
VLCD; VLCD = 6.0 V, output open
60
120
µA
1/3 bias, fosc = 50 k Hz
Electrical Characteristics for the Allowable Operating Ranges
Note: *1 Excluding the bias voltage generation divider resistors built in the VLCD1 and VLCD2. (See Figure 1.)
VLCD1
VLCD2
VLCD
VSS
A06588
To the common segments driver
Except these resistors
s
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com