Electronic Components Datasheet Search
  English  ▼

X  

LC75844 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC75844
Description  1/4 Duty General-Purpose LCD Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC75844 Datasheet HTML 1Page - Sanyo Semicon Device LC75844 Datasheet HTML 2Page - Sanyo Semicon Device LC75844 Datasheet HTML 3Page - Sanyo Semicon Device LC75844 Datasheet HTML 4Page - Sanyo Semicon Device LC75844 Datasheet HTML 5Page - Sanyo Semicon Device LC75844 Datasheet HTML 6Page - Sanyo Semicon Device LC75844 Datasheet HTML 7Page - Sanyo Semicon Device LC75844 Datasheet HTML 8Page - Sanyo Semicon Device LC75844 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Pin Functions
No. 6235-5/14
LC75844M
CE: Chip enable
CL:
Synchronization clock
DI:
Transfer data
H
—
S1/P1 to
S4/P4
S5 to S22
Pin
1 to 4
5 to 22
—
O
Open
Segment outputs for displaying the display data transferred by serial data input. The pins
S1/P1 to S4/P4 can be used as general-purpose output ports when so set up by the
control data.
COM1
COM2
COM3
COM4
23
24
25
26
—
O
Open
Common driver outputs.
The frame frequency fO is given by: fO = (fOSC/512) Hz.
OSC
32
CE
CL
DI
34
35
36
Serial data transfer inputs. These pins are
connected to the control microprocessor.
—
I/O
VDD
I
GND
Oscillator connection
An oscillator circuit is formed by connecting an external resistor and capacitor to this pin.
VLCD1
29
—
I
Open
Used to apply the LCD drive 2/3 bias voltage externally. This pin must be connected to
VLCD2 when 1/2 bias drive is used.
VLCD2
30
—
I
Open
Used to apply the LCD drive 1/3 bias voltage externally. This pin must be connected to
VLCD1 when 1/2 bias drive is used.
VDD
27
——
—
Logic block power supply. Provide a voltage in the range 2.7 to 6.0 V.
VLCD
28
——
—
LCD driver block power supply. Provide a voltage in the range 2.7 to 6.0 V.
VSS
31
——
—
Ground pin. Connect to ground.
INH
33
L
I
GND
Display off control input
•INH = low (VSS):
Off
S1/P1 to S4/P4 = Low
(These pins are forcibly set to the segment output port function and
fixed at the VSS level.)
S5 to S22 = Low (VSS),
COM1 to COM4 = Low (VSS)
•INH = high (VDD): On
Note that serial data transfers can be performed when the
display is forced off by this pin.
Active
I/O
Handling
when unused
Function
Pin No.
Serial Data Transfer Format
1. When CL is stopped at the low level
Note: DD ... Direction data
CE
CL
DI
A12600
00100010
B0 B1 B2 B3 A0 A1 A2 A3
D1
D2 D3
D37 D38 D39 D40 D41 D42 D43 D44 00000
P0 P1 P2 DR SC BU
0
00100010
B0 B1 B2 B3 A0 A1 A2 A3
D45 D46 D47
D81 D82 D83 D84 D85 D86 D87 D88 000000000001
CCB address
8 bits
CCB address
8 bits
Display data
44 bits
Display data
44 bits
Control data
11 bits
Fixed data
11 bits
DD
1 bit
DD
1 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com