Electronic Components Datasheet Search
  English  ▼

X  

ICS9LP525-2 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS9LP525-2
Description  56-pin CK505 for Intel Desktop Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LP525-2 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS9LP525-2 Datasheet HTML 4Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 5Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 6Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 7Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 8Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 9Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 10Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 11Page - Integrated Device Technology ICS9LP525-2 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1397—11/08/10
ICS9LP525-2
PC MAIN CLOCK
8
CPU
SRC
DOT96
BMC133
100
100
100
100
ppm
85
125
250
125
ps
-0.50%
-0.50%
0
-0.50%
%
Clock Periods - Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-Term
Average
Max
+c2c jitter
AbsPer
Max
100.00
9.91400
9.99900
10.00000
10.00100
10.08600
ns
1,2
133.33
7.41425
7.49925
7.50000
7.50075
7.58575
ns
1,2
166.67
5.91440
5.99940
6.00000
6.00060
6.08560
ns
1,2
200.00
4.91450
4.99950
5.00000
5.00050
5.08550
ns
1,2
266.67
3.66462
3.74962
3.75000
3.75037
3.83537
ns
1,2
333.33
2.91470
2.99970
3.00000
3.00030
3.08530
ns
1,2
400.00
2.41475
2.49975
2.50000
2.50025
2.58525
ns
1,2
SRC/SATA
100.00
9.87400
9.99900
10.00000
10.00100
10.12600
ns
1,2
DOT96
96.00
10.16563
10.41563
10.41667
10.41771
10.66771
ns
1,2
Clock Periods - Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-Term
Average
Max
+c2c jitter
AbsPer
Max
99.75
9.91406
9.99906
10.02406
10.02506
10.02607
10.05107
10.13607
ns
1,2
133.00
7.41430
7.49930
7.51805
7.51880
7.51955
7.53830
7.62330
ns
1,2
166.25
5.91444
5.99944
6.01444
6.01504
6.01564
6.03064
6.11564
ns
1,2
199.50
4.91453
4.99953
5.01203
5.01253
5.01303
5.02553
5.11053
ns
1,2
266.00
3.66465
3.74965
3.75902
3.75940
3.75977
3.76915
3.85415
ns
1,2
332.50
2.91472
2.99972
3.00722
3.00752
3.00782
3.01532
3.10032
ns
1,2
399.00
2.41477
2.49977
2.50602
2.50627
2.50652
2.51277
2.59777
ns
1,2
SRC
99.75
9.87406
9.99906
10.02406
10.02506
10.02607
10.05107
10.17607
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
Measurement Window
Units
PPM tolerance
Cycle to Cycle Jitter
Spread
SSC OFF
Center
Freq.
MHz
Notes
Differential Clock Tolerances
CPU
2 All Long Term Accuracy specifications are guaranteed with the assumption that the crystal input is tuned to exactly 14.31818MHz.
Measurement Window
Units
SSC ON
Center
Freq.
MHz
Notes
CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com