Electronic Components Datasheet Search
  English  ▼

X  

HT46R065D Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R065D
Description  Enhanced A/D Type MCU with High Current LED Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065D Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R065D Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
PinName
Function
OPT
I/T
O/T
Description
PB0/AN6
PB1/AN7
PB2/AN4
PB3/AN5
PBn
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
ANn
ADCR
PCR
AN
¾
A/Dchannel4,5,6,7
PB5
PB5
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PB6/SCOM0
PB6
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
SCOM0
SCOMC
¾
SCOM
Softwarecontrolled1/2biasLCDCOM
PB7/SCOM1
PB7
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
SCOM1
SCOMC
¾
SCOM
Softwarecontrolled1/2biasLCDCOM
PC0/[AN7]
PC0
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
AN7
ADCR
PCR
AN
¾
A/Dchannel7
PC1/PWM1
PC1
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PWM1
CTRL0
¾
CMOS PWM 1Output
PC2/[PFD]
PC2
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PFD
CTRL0
¾
CMOS PFD output
PC3/[INT]
PC3
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
INT
¾
ST
¾
Externalinterruptinput
PC4/[TC0]
PC4
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC0
¾
ST
¾
ExternalTimer0clockinput
PC5
PC5
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PC6/SCOM3
PC6
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
SCOM3
SCOMC
¾
SCOM Softwarecontrolled1/2biasLCDCOM
PC7/SCOM2
PC7
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
SCOM2
SCOMC
¾
SCOM Softwarecontrolled1/2biasLCDCOM
PD0,PD1
PDn
PDPU
ST
CMOS General purpose I/O. Register enabled pull-up.
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
Note:
I/T:Inputtype;O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;CO:Configurationoption;ST: Schmitt Triggerinput
CMOS: CMOS output;AN:analoginput
SCOM:SoftwarecontrolledLCDCOM
Rev.1.00
8
January12,2011
HT46R064D/065D/066D
EnhancedA/DType8-Bit OTP MCU withLEDDriver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com