Electronic Components Datasheet Search
  English  ▼

X  

HT46R065D Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R065D
Description  Enhanced A/D Type MCU with High Current LED Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065D Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R065D Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
ProgramMemory
The Program Memory is the location where the user code or program is stored. The device is supplied
with One-Time Programmable, OTP, memory where users can program their application code into the
device. By using the appropriate programming tools, OTP devices offer users the flexibility to freely
develop their applications which may be useful during debug or for products requiring frequent
upgrades or program changes.
Structure
The Program Memory has a capacity of 1K
´14 to 4K´15. The Program Memory is addressed by the
Program Counter and also contains data, table information and interrupt entries. Table data, which can
be setup in any location within the Program Memory, is addressed by separate table pointer registers.
Device
Capacity
HT46R064D
1K
´14
HT46R065D
2K
´15
HT46R066D
4K
´15
SpecialVectors
Within the Program Memory, certain locations are reserved for special usage such as reset and
interrupts.
ResetVector
This vector is reserved for use by the device reset for program initialisation. After a device reset is initiated,
the program will jump to this location and begin execution.
ExternalInterruptVector
This vector is used by the external interrupt. If the external interrupt pin on the device receives an edge
transition, the program will jump to this location and begin execution if the external interrupt is
enabled and the stack is not full. The external interrupt active edge transition type, whether high to low,
low to high or both is specified in the CTRL1 register.
Rev.1.00
16
January12,2011
HT46R064D/065D/066D
EnhancedA/DType8-Bit OTP MCU withLEDDriver
0 0 H
H T 4 6 R 0 6 4 D
H T 4 6 R 0 6 5 D
R e s e t
H T 4 6 R 0 6 6 D
7 F F H
3 F F H
E x t e r n a l
I n t e r r u p t
T i m e r 0
I n t e r r u p t
R e s e t
E x t e r n a l
I n t e r r u p t
T i m e r 0
I n t e r r u p t
T i m e B a s e
I n t e r r u p t
R e s e t
E x t e r n a l
I n t e r r u p t
T i m e r 0
I n t e r r u p t
T i m e B a s e
I n t e r r u p t
T i m e r 1
I n t e r r u p t
0 4 H
0 8 H
0 C H
1 0 H
1 4 H
1 8 H
F F F H
1 4 b i t s
1 5 b i t s
1 5 b i t s
A / D
I n t e r r u p t
T i m e r 1
I n t e r r u p t
A / D
I n t e r r u p t
A / D
I n t e r r u p t
T i m e B a s e
I n t e r r u p t
ProgramMemoryStructure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com