Electronic Components Datasheet Search
  English  ▼

X  

HT46R065D Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT46R065D
Description  Enhanced A/D Type MCU with High Current LED Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065D Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT46R065D Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
For applications that operate within an environment where more noise is present the Enhanced Reset
Circuit shown is recommended.
More information regarding external reset circuits is located in Application Note HA0075E on the
Holtek website.
RES PinReset
This type of reset occurs when the microcontroller is already running and the RES pin is forcefully
pulled low by external hardware such as an external switch. In this case as in the case of other reset, the
Program Counter will reset to zero and program execution initiated from this point.
LowVoltageReset
- LVR
The microcontroller contains a low voltage reset circuit in order to monitor the supply voltage of the
device. The LVR function is selected via a configuration option. If the supply voltage of the device
drops to within a range of 0.9V~VLVR such as might occur when changing the battery, the LVR will
automatically reset the device internally. For a valid LVR signal, a low supply voltage, i.e., a voltage in
the range between 0.9V~VLVR must exist for a time greater than that specified by tLVR in the A.C.
characteristics. If the low supply voltage state does not exceed this value, the LVR will ignore the low
supply voltage and will not perform a reset function. The actual VLVR value can be selected via
configuration options.
Rev.1.00
36
January12,2011
HT46R064D/065D/066D
EnhancedA/DType8-Bit OTP MCU withLEDDriver
R E S
I n t e r n a l R e s e t
0 . 9 V D D
0 . 4 V D D
t R S T D + t S S T
Note: tRSTD ispower-ondelay,typicaltime=50ms
RES ResetTimingChart
R E S / P A 7
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
V D D
V S S
0 . 0 1 m F * *
V D D
1 N 4 1 4 8 *
3 0 0 W *
Note:
²*² Itisrecommendedthatthiscomponentisaddedforadded ESD protection
²**² It is recommended that this component is added in environments where power line noise
issignificant
External RES Circuit
L V R
I n t e r n a l R e s e t
t R S T D + t S S T
Note: tRSTD ispower-ondelay,typicaltime=50ms
LowVoltageResetTimingChart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com