Electronic Components Datasheet Search
  English  ▼

X  

HT1650 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1650
Description  6432 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1650 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1650 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
HT1650
64´32 LCD Controller for I/O MCU
PATENTED
PAT No. : 099352
Rev. 1.80
1
November 9, 2010
Features
· Operating voltage: 2.7V~5.2V
· Built-in 32kHz RC oscillator
· External 32.768kHz crystal oscillator or 32kHz fre-
quency source input
· Standby current: <1mA at 3V, <2mAat5V
· Internal resistor type: 1/6 bias or 1/5 bias, 1/32 duty,
and 1/16 duty
· Three selectable LCD frame frequencies: 64Hz,
89Hz or 170Hz
· Max. of 64´32 patterns, 64 segments and 32 com-
mons
· 80 segments and 16 commons selectable by com-
mand method
· Built-in bit-map display RAM: 2048 bits (=64´32 bits)
· Built-in internal resistor type bias generator
· Six-wire interface (four data wires)
· Eight kinds of time base or WDT selection
· Time base or WDT overflow output
· R/W address auto increment
· Built-in buzzer driver (2kHz/4kHz)
· Power down command reduces power consumption
· Software configuration feature
· Data mode and Command mode instructions
· Three data accessing modes
· Provides VLCD pin to adjust LCD operating voltage
and max. VLCD voltage up to 7V
· Provides three kinds of bias current programming
· Control of TN-type and STN-type LCDs
· 128-pin QFP package
General Description
HT1650 is a peripheral device specially designed for I/O
type MCUs which are used to expand the display capa-
bility. The max. display segment of the device are 2048
patterns (64 segments and 32 commons). It also sup-
ports four data bits interface, buzzer sound, Watchdog
Timer or time base timer functions. The HT1650 is a
memory mapping and multi-function LCD controller. It
can control TN-type (Twisted Nematic) or STN-type
(Super Twisted Nematic) LCDs. The software configu-
ration feature of the HT1650 make it suitable for multiple
LCD applications including LCD modules and display
subsystems. Only six lines (CS,WR, DB0~DB3) are re-
quired for the interface between the host controller and
the HT1650.
Applications
· Leisure products
· Games
· Personal digital assistant
· Cellular phone
· Global positioning system
· Consumer electronics
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT1650

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1650 HOLTEK-HT1650 Datasheet
165Kb / 18P
64x32 LCD Controller for I/O MCU
November 10, 2005
More results

Similar Description - HT1650

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1660 HOLTEK-HT1660 Datasheet
197Kb / 18P
96 x 32 LCD Controller for I/O MCU
September 16, 2003
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
RAM Mapping 328 LCD Controller for I/O MCU
May 19, 2004
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
July 27, 2009
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
October 28, 2009
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
RAM Mapping 328 LCD Controller for I/O MCU
June 9, 2009
HT1625 HOLTEK-HT1625_09 Datasheet
117Kb / 15P
RAM Mapping 648 LCD Controller for I/O MCU
June 12, 2009
HT1647A HOLTEK-HT1647A Datasheet
159Kb / 19P
6416 LCD Controller for I/O MCU
June 22, 2009
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
RAM Mapping 328 LCD Controller for I/O MCU
October 12, 2009
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
HT1647A HOLTEK-HT1647A_11 Datasheet
167Kb / 19P
64x16 LCD Controller for I/O MCU
April 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com