Electronic Components Datasheet Search
  English  ▼

X  

HT1650 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1650
Description  6432 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1650 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1650 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Pad Assignment
Chip size: 3555
´3970 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
Pad No.
X
Y
1
-1329.500 1880.000
40
-383.700 -1784.900
79
1672.500
382.400
2
-1672.500 1738.050
41
-293.700 -1784.900
80
1672.500
495.400
3
-1672.500 1359.300
42
-190.500 -1784.900
81
1672.500
608.400
4
-1672.500 1249.300
43
-95.000
-1784.900
82
1672.500
721.400
5
-1672.500 1129.300
44
5.300
-1784.900
83
1672.500
834.400
6
-1672.500 1007.500
45
111.400
-1853.850
84
1672.500
947.400
7
-1672.500
887.500
46
183.950
-1753.850
85
1672.500
1060.400
8
-1672.500
765.700
47
308.850
-1794.400
86
1672.500
1173.400
9
-1672.500
645.700
48
414.450
-1794.400
87
1672.500
1286.400
10
-1672.500
523.900
49
509.450
-1794.400
88
1672.500
1736.100
11
-1672.500
403.900
50
630.250
-1770.250
89
1425.500
1880.000
12
-1672.500
282.100
51
743.850
-1770.250
90
1330.500
1880.000
HT1650
Rev. 1.80
3
November 9, 2010
PATENTED
1
( 0 , 0 )
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2 3 3 3 4
3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4
4 5
4 6
4 7 4 8 4 9 5 0 5 1 5 2 5 3 5 4
5 5 5 6 5 7
8 8
8 7
8 6
8 5
8 4
8 3
8 2
8 1
8 0
7 9
7 8
7 7
7 6
7 5
7 4
7 3
7 2
7 1
7 0
6 9
6 8
6 7
6 6
6 5
6 4
6 3
6 2
6 1
6 0
5 9
5 8
8 9
9 0
9 1
9 2
9 3
9 4
9 5
9 6
9 7
9 8
9 9
1 0 0
1 0 1
1 0 2
1 0 3
1 0 4
1 0 5
1 0 6
1 0 7
1 0 8
1 0 9
1 1 0
1 1 1
1 1 2
1 1 3
1 1 4
1 1 5
1 1 6
1 1 7
S E G 4 7
S E G 4 8
S E G 4 9
S E G 5 0
S E G 5 1
S E G 5 2
S E G 5 3
S E G 5 4
S E G 5 5
S E G 5 6
S E G 5 7
S E G 5 8
S E G 5 9
S E G 6 0
S E G 6 1
S E G 6 2
S E G 6 3
C O M 3 1
C O M 3 0
C O M 2 9
C O M 2 8
C O M 2 7
C O M 2 6
C O M 2 5
C O M 2 4
C O M 2 3
C O M 2 2
C O M 2 1
C O M 2 0
C O M 1 9
S E G 1 6
S E G 1 5
S E G 1 4
S E G 1 3
S E G 1 2
S G E 1 1
S E G 1 0
S E G 9
S E G 8
S E G 7
S E G 6
S E G 5
S E G 4
S E G 3
S E G 2
S E G 1
S E G 0
C O M 1 5
C O M 1 4
C O M 1 3
C O M 1 2
C O M 1 1
C O M 1 0
C O M 9
C O M 8
C O M 7
C O M 6
C O M 5
C O M 4
C O M 3
C O M 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com