Electronic Components Datasheet Search
  English  ▼

X  

HT1650 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1650
Description  6432 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1650 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1650 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pad No.
X
Y
Pad No.
X
Y
Pad No.
X
Y
13
-1672.500
162.100
52
857.450
-1770.250
91
1235.500
1880.000
14
-1672.500
40.300
53
971.050
-1770.250
92
1140.500
1880.000
15
-1672.500
-79.700
54
1084.650
-1770.250
93
1045.500
1880.000
16
-1672.500 -201.500
55
1206.800
-1848.100
94
950.500
1880.000
17
-1672.500 -321.500
56
1330.200
-1880.000
95
855.500
1880.000
18
-1672.500 -416.500
57
1427.200
-1880.000
96
760.500
1880.000
19
-1672.500 -511.500
58
1672.500
-1880.000
97
665.500
1880.000
20
-1672.500 -606.500
59
1672.500
-1643.600
98
570.500
1880.000
21
-1672.500 -701.500
60
1672.500
-1548.600
99
475.500
1880.000
22
-1672.500 -796.500
61
1672.500
-1453.600
100
380.500
1880.000
23
-1672.500 -891.500
62
1672.500
-1358.600
101
285.500
1880.000
24
-1672.500 -986.500
63
1672.500
-1263.600
102
190.500
1880.000
25
-1672.500 -1081.500
64
1672.500
-1168.600
103
95.500
1880.000
26
-1672.500 -1176.500
65
1672.500
-1073.600
104
0.500
1880.000
27
-1672.500 -1271.500
66
1672.500
-978.600
105
-94.500
1880.000
28
-1672.500 -1366.500
67
1672.500
-883.600
106
-189.500
1880.000
29
-1672.500 -1461.500
68
1672.500
-788.600
107
-284.500
1880.000
30
-1672.500 -1556.500
69
1672.500
-693.600
108
-379.500
1880.000
31
-1672.500 -1651.500
70
1672.500
-598.600
109
-474.500
1880.000
32
-1208.550 -1880.000
71
1672.500
-503.600
110
-569.500
1880.000
33
-1113.550 -1880.000
72
1672.500
-408.600
111
-664.500
1880.000
34
-1018.550 -1880.000
73
1672.500
-295.600
112
-759.500
1880.000
35
-895.500 -1784.900
74
1672.500
-182.600
113
-854.500
1880.000
36
-789.900 -1784.900
75
1672.500
-69.600
114
-949.500
1880.000
37
-694.900 -1784.900
76
1672.500
43.400
115
-1044.500 1880.000
38
-589.300 -1784.900
77
1672.500
156.400
116
-1139.500 1880.000
39
-494.300 -1784.900
78
1672.500
269.400
117
-1234.500 1880.000
Pad Description
Pad No.
Pad Name
I/O
Description
1~17
71~117
SEG47~SEG63
SEG0~SEG46
O
LCD segment outputs
18~33
55~70
COM31~COM16
COM0~COM15
O
LCD common outputs, under 80
´16 command mode, COM16~COM31 will be
shared with SEG64~SEG79. COM31/SEG64, COM30/SEG65,
COM29/SEG66....., COM18/SEG77, COM17/SEG78, COM16/SEG79
34
CS
I
Chip selection input with pull-high resistor. When the CS is logic high, the data
and command read from or write to the HT1650 are disabled. The serial inter-
face circuit is also reset. But if the CS is at a logic low level and is input to the
CS pad, the data and command transmission between the host controller and
the HT1650 are all enabled.
35
RD
I
READ clock input with pull-high resistor. Data in the RAM of the HT1650 are
clocked out on the falling edge of the RD signal. The clocked out data will ap-
pear on the data line. The host controller can use the next rising edge to latch
the clocked out data.
36
WR
I
WRITE clock input with pull-high resistor. Data on the DATA line are latched
into the HT1650 on the rising edge of the WR signal.
37~40
DB0~DB3
I/O
Parallel data input/output with pull-high resistor
41
VSS
¾ Negative power supply for logic circuit, ground
42
43
OSCI
OSCO
I
O
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to
generate a system clock. If the system clock comes from an external clock
source, the external clock source should be connected to the OSCI pad. But if
an on-chip RC oscillator is selected, the OSCI and OSCO pads can be left
open.
44
VDD
¾ Positive power supply for logic circuit
45
VLCD
I
Power supply for LCD driver circuit
HT1650
Rev. 1.80
4
November 9, 2010
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com