Electronic Components Datasheet Search
  English  ▼

X  

HT1650 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT1650
Description  6432 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1650 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT1650 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
HT1650
Rev. 1.80
11
November 9, 2010
PATENTED
Bias Generator
The HT1650 bias voltage belongs to the internal resistor
type. It provides two kinds of bias options, namely 1/6
bias and 1/5 bias respectively. It also provides three
kinds of bias current options by programming to suitably
drive an LCD panel. The three kinds of bias current are
large, middle, and small, respectively. Usually, large
panel LCD can be excellently displayed by large bias
current. Relatively, it consumes large current when LCD
ON command is used. Small bias current provides low
power consumption during on condition when the LCD
is normally displayed. The following are the reference
value table.
When the bias current for LCD is more than Large Bias
Current setting. It is recommended to add external cir-
cuit to increase driving current.
Interfacing
Only six lines are required to interface with the HT1650.
The CS line is used to initialize the serial interface circuit
and to terminate the communication between the host
controller and the HT1650. If the CS pin is set to 1, the
data and command issued between the host controller
and the HT1650 are first disabled and then initialized.
Before issuing a mode command or mode switching, a
high level pulse is required to initialize the serial inter-
face of the HT1650. The DB0~DB3 are the 4-bit parallel
data input/output lines. Data to be read or written or
commands to be written have to pass through the
DB0~DB3 lines. The RD line is the READ clock input.
Data in the RAM are clocked out on the falling edge of the
RD signal, and the clocked out data will then appear on
the DB0~DB3 lines. It is recommended that the host
controller read correct data during the interval between
the rising edge and the next falling edge of the RD signal.
The WR line is the WRITE clock input. The data, ad-
dress, and command on the DB0~DB3 lines are all
clocked into the HT1650 on the rising edge of the WR
signal. There is an optional IRQ line to be used as an in-
terface between the host controller and the HT1650.
The IRQ pin can be selected as a timer output or a WDT
overflow flag output by the S/W setting. The host con-
troller can perform the time base or the WDT function by
connecting with the IRQ pin of the HT1650.
Bias
VLCD
Large Bias Current
Middle Bias Current
Small Bias Current
1/5
3V
165
mA70mA30mA
5V
270
mA
110
mA50mA
1/6
3V
140
mA55mA25mA
5V
225
mA90mA40mA
R
V S S
V 3
V 4
1 / 6 B i a s
R
R
R
R
P o w e r
V L C D
V R
V L C D
R
R
R
V S S
( T 2 ) V 2
V 3
V 4
( T 1 ) V 1
1 / 5 B i a s
R
R
R
R
P o w e r
V L C D
V R
V L C D
( T 3 ) V 5
( T 4 ) V 6
R
R
( T 2 ) V 2
( T 1 ) V 1
( T 3 ) V 5
( T 4 ) V 6
Internal Resistor Type Bias Generator Configurations
Note:
The voltage applied to VLCD pin must be equal to or lower than 7V.
Adjust VR to fit LCD display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com