Electronic Components Datasheet Search
  English  ▼

X  

AL3157 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL3157
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3157 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL3157 Datasheet HTML 1Page - Diodes Incorporated AL3157 Datasheet HTML 2Page - Diodes Incorporated AL3157 Datasheet HTML 3Page - Diodes Incorporated AL3157 Datasheet HTML 4Page - Diodes Incorporated AL3157 Datasheet HTML 5Page - Diodes Incorporated AL3157 Datasheet HTML 6Page - Diodes Incorporated AL3157 Datasheet HTML 7Page - Diodes Incorporated AL3157 Datasheet HTML 8Page - Diodes Incorporated AL3157 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AL3157
HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER
FOR SMALL SCREEN BACKLIGHTING AND FLASHLIGHT
AL3157
Document number: DS35116 Rev. 1 - 2
5 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Typical Performance Characteristics (Continued)
VF=3.27V
TA=25°C
VIN=4V
VIN=4V
VEN(H)
VEN(L)
VIN=2.7V
VIN=4.0V
Channels 2 to 4
Channels 2 to 4
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com