Electronic Components Datasheet Search
  English  ▼

X  

AL3157 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL3157
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3157 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL3157 Datasheet HTML 1Page - Diodes Incorporated AL3157 Datasheet HTML 2Page - Diodes Incorporated AL3157 Datasheet HTML 3Page - Diodes Incorporated AL3157 Datasheet HTML 4Page - Diodes Incorporated AL3157 Datasheet HTML 5Page - Diodes Incorporated AL3157 Datasheet HTML 6Page - Diodes Incorporated AL3157 Datasheet HTML 7Page - Diodes Incorporated AL3157 Datasheet HTML 8Page - Diodes Incorporated AL3157 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AL3157
HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER
FOR SMALL SCREEN BACKLIGHTING AND FLASHLIGHT
AL3157
Document number: DS35116 Rev. 1 - 2
4 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Typical Performance Characteristics
Turn-On in 1x Mode
100us/div
Turn-On in 2x Mode
100us/div
Turn-Off in 1x Mode
200ms/div
Turn-Off in 2x Mode
200ms/div
Load Characteristics in 2x Mode
500ns/div
PWM Dimming Control (Duty Cycle=50%)
10us/div
Vout
2V/div
EN1,2
2V/div
VIN=4.2V
TA=25°C
Iin
300mA/div
Vout
2V/div
EN1,2
2V/div
Iin
300mA/div
VIN=3.0V
TA=25°C
Vout
2V/div
EN1,2
2V/div
Iin
300mA/div
VIN=3.0V
TA=25°C
Iin
300mA/div
VIN=4.2V
TA=25°C
EN1,2
2V/div
Vout
2V/div
VIN=3.0V
TA=25°C
Vin
100mVAC/div
Vout
100mVAC/div
Iin
100mAAC/div
Iin
300mA/div
VIN=4V
Freq=20kHz
Duty Cycle=50%
TA=25°C
EN
2V/div
Id1
200mA/div



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com