Electronic Components Datasheet Search
  English  ▼

X  

AL3157 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL3157
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3157 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL3157 Datasheet HTML 1Page - Diodes Incorporated AL3157 Datasheet HTML 2Page - Diodes Incorporated AL3157 Datasheet HTML 3Page - Diodes Incorporated AL3157 Datasheet HTML 4Page - Diodes Incorporated AL3157 Datasheet HTML 5Page - Diodes Incorporated AL3157 Datasheet HTML 6Page - Diodes Incorporated AL3157 Datasheet HTML 7Page - Diodes Incorporated AL3157 Datasheet HTML 8Page - Diodes Incorporated AL3157 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AL3157
HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER
FOR SMALL SCREEN BACKLIGHTING AND FLASHLIGHT
AL3157
Document number: DS35116 Rev. 1 - 2
1 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Description
The AL3157 is a low noise, constant frequency charge
pump DC/DC converter that uses a Dual mode load switch
(1x), and doubling (2x) conversion for driving white LEDs.
Low external part count (one 1µF flying capacitor and two
2.2µF capacitors at VIN and VOUT) make this part ideally
suited for small, battery-powered applications
The AL3157 drives 3 channels at up to 30mA for small
screen backlighting and an additional channel up to 210mA
for LED Flash or LED Flashlight – All from a 2.7V to 5.5V
input.
The
AL3157
uses
two
control
inputs
(EN1/2)
to
enable/disable it and PWM dim the LED current. EN2
controls/PWM dims the backlight LEDs at 30mA per
channel and EN1 controls/PWM dims the Flash/Flashlight
LEDs at 210mA.
Each output is equipped with built-in protection for VOUT
short circuit and auto-disable for LED failure conditions.
Built-in soft-start circuitry prevents excessive in-rush
current during start-up and mode switching. A low-current
shutdown feature disconnects the load from VIN to reduce
quiescent current less than 1µA.
The AL3157 is available in a lead-free, space-saving
thermally enhanced 12-pin 3x3mm DFN package.
Pin Assignments
VIN
VOUT
CN
D4
CP
D1
D2
EN1
7
6
5
4
3
2
1
10
11
12
9
8
PGND
EN2
Exposed Pad
( Top View )
D3
GND
U-DFN3030-12
Features
•
Dual-Mode 1x and 2x Charge Pump
•
Up to 300mA drive capability
o
3-channel for backlight – 30mA/ch
o
1-channel for Flight/light – 210mA
•
VIN Range: 2.7V to 5.5V
•
Two simple PWM dimming control inputs up to
50kHz
•
1.2 MHz Constant Switching Frequency
•
Built-In Thermal, Open-Circuit and VOUT short circuit
Protection
•
Soft Start for reducing in-rush current
•
IQ <1µA in Shutdown
•
Thermally-Enhanced DFN3030-12 Package:
Available in “Green” Molding Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Smart Touch Phone LED Backlighting
•
PDA White LED backlighting
•
Backlighting + Torch light
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
Typical Application Circuit
AL3157
V
OUT
D1
D2
D3
D4
EN2
EN1
EN2
EN1
2.2µF
C
IN
V
IN
V
IN
1µF
C
1
C
P
C
N
5
3
6
12
10
8
7
1
11
4
PGND
GND
29
2.2µF
C
OUT
Flash/
Light
(EN1)
Backlight
(EN2)
AL3157
V
OUT
D1
D2
D3
D4
EN2
EN1
EN2
EN1
2.2µF
C
IN
V
IN
V
IN
1µF
C
1
C
P
C
N
5
3
6
12
10
8
7
1
11
4
PGND
GND
29
2.2µF
C
OUT
Flash/
Light
(EN1)
Backlight
(EN2)


Similar Part No. - AL3157

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3158 DIODES-AL3158 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3158FSG DIODES-AL3158FSG Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3158FSG-7 DIODES-AL3158FSG-7 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
More results

Similar Description - AL3157

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com