Electronic Components Datasheet Search
  English  ▼

X  

AL3157 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL3157
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3157 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL3157 Datasheet HTML 1Page - Diodes Incorporated AL3157 Datasheet HTML 2Page - Diodes Incorporated AL3157 Datasheet HTML 3Page - Diodes Incorporated AL3157 Datasheet HTML 4Page - Diodes Incorporated AL3157 Datasheet HTML 5Page - Diodes Incorporated AL3157 Datasheet HTML 6Page - Diodes Incorporated AL3157 Datasheet HTML 7Page - Diodes Incorporated AL3157 Datasheet HTML 8Page - Diodes Incorporated AL3157 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AL3157
HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER
FOR SMALL SCREEN BACKLIGHTING AND FLASHLIGHT
AL3157
Document number: DS35116 Rev. 1 - 2
3 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD MM
Machine Model ESD Protection
200
V
VIN
Input Voltage
-0.3 to 6
V
VEN1,2,3
EN1, EN2, EN3 to GND Voltage
-0.3 to VIN +0.3
V
IOUT
Maximum DC Output Current
300
mA
TJ
Operating Junction Temperature Range
125
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Notes:
2. Exceeding Absolute Maximum Ratings will cause permanent damage to the device.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5.5
V
VENL(1, 2)
EN1,2 Threshold Low
0
0.4
V
VENH(1,2)
EN1,2, Threshold High
1.4
VIN
V
TA
Operating Ambient Temperature
-40
85
°C
Electrical Characteristics
VIN = 4V, CIN = COUT = 2.2µF, C1 = 1µF; TA = 25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IQ
Quiescent Current
1x Mode, 3.0≤VIN≤5.5, Active,
No Load Current
0.3
0.6
mA
2x Mode, 3.0≤VIN≤5.5, Active,
No Load Current
2
5
ISHDN
Shutdown Current
EN1, EN2 = 0
1
µA
ID2~4
Backlight LED Drive Sink Current
Accuracy (Note 3)
IDX = 30mA
28.5
30
31.5
mA
ID1
Flash/light LED Drive Sink Current
Accuracy (Note 3)
ID1 = 210mA
199.5
210
220.5
mA
ID-Match
Current Matching Between Any
Two Backlight LED Drive Current
Sink Outputs (Note 4)
VF: D2:D4 = 4V
1
2
%
Rout
Charge Pump VOUT Open Loop
Resistance
1x mode
0.5
Ω
2x mode
4.5
VTH-Dx
1x to 2x Transition Threshold at
D2, D3 and D4 Pins
ID = 30mA
150
mV
VTH-D1
1x to 2x Transition Threshold at D1
Pin
ID1 = 210mA
150
mV
VHS
Mode Transition Threshold
500
mV
tSS
Soft-Start Time
100
µs
fSW
Switching Frequency
1.2
MHz
tEN1,2
EN1,2 Off Timeout
20
ms
UVLO
VIN Under-Voltage Lockout
1.8
2
2.2
V
IEN1,2
EN1, 2 Input Leakage
-1
1
µA
TSHDN
Thermal Shutdown Protection
160
oC
THYS
Thermal Shutdown Hysteresis
10
oC
θJA
Thermal Resistance
Junction-to-Ambient
U-DFN3030-12 (Note 5)
55.29
oC/W
Notes:
3.
Determined by the mean of channels 2,3 and 4 currents, EG (ID2 + ID3 + ID4)/3
4.
Determined by the maximum sink current (MAX), the minimum sink current (MIN), and the average sink current (AVG).
Two matching
numbers are calculated as (MAX-AVG)/AVG and (AVG-MIN)/AVG.
The largest number of the two (worst case) is as the matching data.
5.
Device mounted on FR-4 substrate, 2"*2", 2oz, copper, double-sided PC board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com