Electronic Components Datasheet Search
  English  ▼

X  

LC866012 Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LC866012
Description  8-Bit Single Chip Microcontroller with One-Time PROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866012 Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LC866012 Datasheet HTML 13Page - Sanyo Semicon Device LC866012 Datasheet HTML 14Page - Sanyo Semicon Device LC866012 Datasheet HTML 15Page - Sanyo Semicon Device LC866012 Datasheet HTML 16Page - Sanyo Semicon Device LC866012 Datasheet HTML 17Page - Sanyo Semicon Device LC866012 Datasheet HTML 18Page - Sanyo Semicon Device LC866012 Datasheet HTML 19Page - Sanyo Semicon Device LC866012 Datasheet HTML 20Page - Sanyo Semicon Device LC866012 Datasheet HTML 21Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LC86P6032
No.4212-17/22
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
IDDHALT(1)
•HALT mode
•FmCF=12MHz for
Ceramic resonator
oscillation
•FsXtal=32.768kHz for
crystal oscillator
•System clock :
CF oscillator
•Internal RC
oscillator stopped
4.5 to 6.0
5
10
IDDHALT(2)
•HALT mode
•FmCF=3MHz for
Ceramic resonator
oscillation
•FsXtal=32.768kHz for
crystal oscillator
•System clock :
CF oscillator
•Internal RC
oscillator stopped
4.5 to 6.0
1.8
4.6
mA
IDDHALT(3)
•HALT mode
•FmCF=0Hz
(when oscillator
stops)
•FsXtal=32.768kHz
crystal oscillator
•System clock :
RC oscillator
4.5 to 6.0
400
800
Current drain at
HALT mode
(Note 4)
IDDHALT(4)
VDD
•HALT mode
•FmCF=0Hz
(when oscillator
stops)
•FsXtal=32.768kHz for
crystal oscillator
•System clock :
crystal oscillator
•Internal RC
oscillator stopped
4.5 to 6.0
20
60
IDDHOLD(1)
4.5 to 6.0
0.05
30
Current drain at
HOLD mode
(Note 4)
IDDHOLD(2)
VDD
HOLD mode
2.5 to 4.5
0.02
20
µA
(Note 4) The currents of output transistors and pull-up MOS transistors are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com