Electronic Components Datasheet Search
  English  ▼

X  

LC866012 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC866012
Description  8-Bit Single Chip Microcontroller with One-Time PROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866012 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC866012 Datasheet HTML 1Page - Sanyo Semicon Device LC866012 Datasheet HTML 2Page - Sanyo Semicon Device LC866012 Datasheet HTML 3Page - Sanyo Semicon Device LC866012 Datasheet HTML 4Page - Sanyo Semicon Device LC866012 Datasheet HTML 5Page - Sanyo Semicon Device LC866012 Datasheet HTML 6Page - Sanyo Semicon Device LC866012 Datasheet HTML 7Page - Sanyo Semicon Device LC866012 Datasheet HTML 8Page - Sanyo Semicon Device LC866012 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LC86P6032
No.4212-3/22
• Port configuration at reset
Pin
Option settings
LC86P6032
LC866032/28/24/20/16/12/08
P0
Input : No pull-up MOS transistor
Output : N-channel open drain
(Same as for the mask version)
Input mode without pull-up
MOS transistor (Output is OFF)
Input : Pull-up MOS transistor
Output : CMOS
Input mode
•The Pull-up MOS transistor is
not present during reset or several
hundred
microseconds
after
releasing reset. After that, the
pull-up MOS transistor is present.
(Output is OFF)
Input mode with pull-up MOS
transistor (Output is OFF)
P1
Input : Programmable pull-up MOS
transistor
Output : N-channel open drain
(Same as for the mask version)
Input mode without pull-up
MOS transistor (Output is OFF)
Input : Programmable pull-up MOS
transistor
Output : CMOS
(Same as for the mask version)
Input mode without pull-up
MOS transistor (Output is OFF)
P7
Pull-up MOS transistor not
provided
(Same as for the mask version)
Input mode without pull-up
MOS transistor
Pull-up MOS transistor provided
Input mode
•The Pull-up MOS transistor is
not present during reset or several
hundred
microseconds
after
releasing reset. After that, the
pull-up MOS transistor is present.
Input mode with pull-up MOS
transistor
(2) Option
The option data is created by the option specified program “SU866000.EXE”. The created option data is linked to the
program area by the linkage loader “L866000.EXE”.
(3) ROM space
LC86P6032 and LC866000 series use 256 bytes that is addressed on 07F00H to 07FFFH in the program memory as the
option specified data area. These program memory capacity are 32512 bytes that is addressed on 0000H to 7EFFH.
(4) Ordering information
1.When ordering identical mask ROM and PROM devices simultaneously.
Provide an EPROM containing the target memory contents together with separate order forms for each of the mask
ROM and PROM versions.
2. When ordering a PROM device.
Provide an EPROM containing the target memory contents together with an order form.
7FFFH
7F00H
7EFFH
6FFFH
5FFFH
4FFFH
3FFFH
2FFFH
1FFFH
0000H
32K
Option data
area 256 bytes
LC866032
LC86P6032
28K
Option
Data Area
LC866028
24K
Option
Data Area
LC866024
20K
Option
Data Area
LC866020
16K
Option
Data Area
LC866016
12K
Option
Data Area
LC866012
8K
Option
Data Area
LC866008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com