Electronic Components Datasheet Search
  English  ▼

X  

LC866012 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC866012
Description  8-Bit Single Chip Microcontroller with One-Time PROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866012 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC866012 Datasheet HTML 1Page - Sanyo Semicon Device LC866012 Datasheet HTML 2Page - Sanyo Semicon Device LC866012 Datasheet HTML 3Page - Sanyo Semicon Device LC866012 Datasheet HTML 4Page - Sanyo Semicon Device LC866012 Datasheet HTML 5Page - Sanyo Semicon Device LC866012 Datasheet HTML 6Page - Sanyo Semicon Device LC866012 Datasheet HTML 7Page - Sanyo Semicon Device LC866012 Datasheet HTML 8Page - Sanyo Semicon Device LC866012 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LC86P6032
No.4212-4/22
How to use
(1) Specification of option
LC86P6032 is programmed after specifying option data. The option is specified by the SU866000.EXE. The specified
option file and the file created by our macro assembler (M866000.EXE) are linked by our linker (L866000.EXE) which
creates HEX file, then the option code is put in the option specified area (07F00H to 07FFFH) of its HEX file.
(2) How to program for the EPROM
The LC86P6032 can be programmed by an EPROM programmer with attachments W86EP6032D and W86EP6032Q.
- Recommended EPROM programmer
Supplier
EPROM programmer
Advantest
R4945, R4944, R4943
Andou
AF-9704
AVAL
PKW-1100, PKW-3000
Minato electronics
MODEL 1890A
- “27512 (Vpp=12.5V) Intel high-speed programming” mode available. The address must be set to “0000H to 07FFFH”
and the jumper (DASEC) must be set ‘OFF’ at programming.
(3) How to use the data security function
“Data security” is a function to prevent EPROM data from being read.
Instructions on using the data security function :
1. Set the jumper of attachment “ON”.
2. Attempt to program the EPROM. The EPROM programmer will display an error. The error indication is a result of
normal activity of the data security feature. This is not a problem with the EPROM programmer chip.
(Notes)
• The data security function is not carried out when the data of all addresses contain “FF” at step 2 above.
• Data security cannot be executed when the sequential operation “BLANK=>PROGRAM=>VERIFY” is used at step 2 above.
• Set the jumper “OFF” after execution of data security.
W86EP6032Q
W86EP6032D
Not data security
Not data security
1 pin mark
of LSI
Data security
Data security
1 pin
1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com