Electronic Components Datasheet Search
  English  ▼

X  

LC866012 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC866012
Description  8-Bit Single Chip Microcontroller with One-Time PROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866012 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC866012 Datasheet HTML 2Page - Sanyo Semicon Device LC866012 Datasheet HTML 3Page - Sanyo Semicon Device LC866012 Datasheet HTML 4Page - Sanyo Semicon Device LC866012 Datasheet HTML 5Page - Sanyo Semicon Device LC866012 Datasheet HTML 6Page - Sanyo Semicon Device LC866012 Datasheet HTML 7Page - Sanyo Semicon Device LC866012 Datasheet HTML 8Page - Sanyo Semicon Device LC866012 Datasheet HTML 9Page - Sanyo Semicon Device LC866012 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LC86P6032
No.4212-6/22
Pin Assignment
Package Dimension
(unit : mm)
3159
SANYO : QIP-64E
Notes
• The QFP packages should be heat-soaked for 24 hours at 125
°C immediately prior to mounting (This baking is called
pre-baking).
• After pre-baking, a controlled environment must be maintained until soldering.
The environment must be held at a
temperature of 30
°C or less and a humidity level of 70% or less. Please solder within 8 hours.
S29
S28
S27
S26
S25
S24
S23
S22
S21
S20
S19
S18
S17
S16
VP
VDDVPP
TEST1
RES
XT1
XT2
VSS
CF1
CF2
VDD
P80/AN0
P81/AN1
P82/AN2
P83/AN3
P70/INT0
P71/INT1
72/INT2/T0IN
73/INT3/T0IN
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com